Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 13 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor LC88FC2H0B Datasheet HTML 10Page - ON Semiconductor LC88FC2H0B Datasheet HTML 11Page - ON Semiconductor LC88FC2H0B Datasheet HTML 12Page - ON Semiconductor LC88FC2H0B Datasheet HTML 13Page - ON Semiconductor LC88FC2H0B Datasheet HTML 14Page - ON Semiconductor LC88FC2H0B Datasheet HTML 15Page - ON Semiconductor LC88FC2H0B Datasheet HTML 16Page - ON Semiconductor LC88FC2H0B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
LC88FC2H0B
www.onsemi.com
13
Continued from preceding page.
Pin Name
I/O
Description
Port A
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
 Multiplexed pin functions
PA0 : SIO4 data output
PA1 : SIO4 data input/pulse input/output
PA2 : SIO4 clock input/output
PA3 : SIO4 chip select input
PA4 : SLIIC0 clock input
PA5 : SLIIC0 bus input/output/data input
PA6 : SLIIC0 data output (used in 3-wire SIO mode)
PA0 to PA7
Port B
I/o
 7-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
 Multiplexed pin functions
PB4 : SMIIC1 clock input/output
PB5 : SMIIC1 bus input/output/data input
PB6 : SMIIC1 data output (used in 3-wire SIO mode)
PB0 to PB6
Port C
I/O
 5-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units(PC2)
 Pin functions
PC0 : 32.768 kHz crystal oscillator input
PC1 : 32.768 kHz crystal oscillator output
PC2 : FILT of VCO
PC3 : Ceramic oscillator input
PC4 : Ceramic oscillator output/VCO output
PC0 to PC4
Port D
I/O
 6-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
PD0 to PD5
TEST
I/O
 TEST pin
 Used to communicate with on-chip debugger.
 Connects an external 100 k pull-down resistor.
RESB
I/O
Reset pin


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com