Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 1 Page - ON Semiconductor

  LC88FC2H0B Datasheet HTML 1Page - ON Semiconductor LC88FC2H0B Datasheet HTML 2Page - ON Semiconductor LC88FC2H0B Datasheet HTML 3Page - ON Semiconductor LC88FC2H0B Datasheet HTML 4Page - ON Semiconductor LC88FC2H0B Datasheet HTML 5Page - ON Semiconductor LC88FC2H0B Datasheet HTML 6Page - ON Semiconductor LC88FC2H0B Datasheet HTML 7Page - ON Semiconductor LC88FC2H0B Datasheet HTML 8Page - ON Semiconductor LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1
Publication Order Number :
LC88FC2HC0B/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
January 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 47 of this data sheet.
LC88FC2H0B
Features
 16-channel 12-bit resolution AD converter
 Iinfrared remote controller receiver circuit
 CRC operating circuit
 Internal Reset Function
Performance
 83.3ns (12.0MHz) VDD=3.0 to 3.6V Ta=40C to +85C
 100ns (10.0MHz) VDD=2.7 to 3.6V Ta=40C to +85C
Function Descriptions
 Xstromy16 CPU
- 4G-byte address space
- General-purpose registers: 16 bits
 16 registers
 Ports
- I/O Ports 86
- Power supply pins 8 (VSS1 to VSS4, VDD1 to VDD4)
 Timer
- 16-bit timers
 8
- Base timer serving as a time-of-day clock
 Serial interfaces
- Synchronous SIO interfaces
 3
(with automatic transmission capability)
- Single master I2C/synchronous SIO interface
 2
- Slave I2C/synchronous SIO interface
- Asynchronous SIO (UART) interfaces
 3
 Multifrequency 12-bit PWM modules
 16-channel 12-bit resolution AD converter
 Watchdog timer
 Infrared remote controller receiver circuit
 CRC operating circuit
 Real time clock
 System clock frequency divider
 CF oscillator circuit, Crystal oscillator circuit, RC oscillator circuit
 61-source 14-vector interrupt feature
 On-chip debugger function
Application
 Home audio, White goods
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
7574 73 72 71 70 69 6867 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
P41/INT7
P42
P43/SO1
P44/SI1/SB1
P45/SCK1
P46/PWM0A
P47/PWM0B
P27
P26/T5O
P25/T4O
P24/SM0DO
P23/SM0DA
P22/SM0CK
VDD2
VSS2
P21/INT5
P20/INT4
PD5
PD4
PD3
PD2
PD1
PD0
P17/U2TX
P16/U2RX
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
PB6/SM1DO
P70/AN8
P71/AN9
P72/AN10
P73/AN11
P74/AN12
P75/AN13
P76/AN14
P77/AN15
VSS4
VDD4
PA0/SO4
PA1/SI4/SB4
PA2/SCK4
PA3/SCS4
PA4/SL0CK
PA5/SL0DA
PA6/SL0DO
PA7
PC2/FILT
P50/P5INT0
P51/P5INT1
P52/P5INT2
P53/P5INT3
P54/P5INT4
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Top view
LC88FC2H0B
CMOS LSI
16-bit Microcontroller
512K-byte Flash ROM / 24Kbyte RAM / 100-pin
Pin Assignment (Top view)
* This product is licensed from Silicon Storage Technology, Inc. (USA).
TQFP100,14X14


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com