Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 5 Page - ON Semiconductor

  LC88FC2H0B Datasheet HTML 1Page - ON Semiconductor LC88FC2H0B Datasheet HTML 2Page - ON Semiconductor LC88FC2H0B Datasheet HTML 3Page - ON Semiconductor LC88FC2H0B Datasheet HTML 4Page - ON Semiconductor LC88FC2H0B Datasheet HTML 5Page - ON Semiconductor LC88FC2H0B Datasheet HTML 6Page - ON Semiconductor LC88FC2H0B Datasheet HTML 7Page - ON Semiconductor LC88FC2H0B Datasheet HTML 8Page - ON Semiconductor LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LC88FC2H0B
www.onsemi.com
5
 Infrared Remote Controller Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
s when the 32.768kHz crystal oscillator
is selected as the reference clock source)
2) Supports data encording systems such as PPM (Pulse Position Modulation) and Manchester encording
3) X’tal HOLD mode release function
 Internal Reset Function
 Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected through option configuration.
 Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power
voltage falls below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level can be selected by option
configuration.
 Interrupts (peripheral function)
 61 sources (33 modules), 14 vector addresses
<1> Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt
requests of the level equal to or lower than the current interrupt are not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the
highest level takes precedence over the other interrupts. For interrupts of the same level, the interrupt
into the smallest vector address takes precedence.
No.
Vector Address
Interrupt Module
1
08000H
Watchdog timer (1)
2
08004H
Base timer (2)
3
08008H
Timer 0 (2)
4
0800CH
INT0 (1)
5
08014H
INT1 (1)
6
08018H
INT2 (1) / timer 1 (2) / UART2 (4)
7
0801CH
INT3 (1) / timer 2 (4) / SMIIC0 (1) / SLIIC1 (1)
8
08020H
INT4 (1) / timer 3 (2) / Infared remote control receiver(4)
9
08024H
INT5 (1) / timer 4 (1) / SIO1 (2)
10
0802CH
PWM0 (1) / SMIIC1(1)
11
08030H
ADC (1) / timer 5 (1) / SIO4(2)
12
08034H
INT6 (1) / timer 6 (1) / UART 3 (4)
13
08038H
INT7 (1) / SIO0 (2) / SIO0(2)
14
0803CH
Port 0 (3) / Port 5 (8) / RTC (1) / CRC (1)
 3 priority levels selectable
 Of interrupts of the same level, the one with the smallest vector address takes precedence.
 A number enclosed in parentheses denotes the number of sources.
 Subroutine stack : RAM area
 Subroutine calls that automatically save PSW, interrupt vector calls: 6 bytes
 Subroutine calls that do not automatically save PSW: 4 bytes
 Multiplication/division instructions
 16 bits × 16 bits (4 tCYC execution time)
 16 bits ÷ 16 bits (18 to 19 tCYC execution time)
 32 bits ÷ 16 bits (18 to 19 tCYC execution time)


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com