Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1126 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SB1126
Description  For Various Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1126 Datasheet(HTML) 3 Page - ON Semiconductor

  2SB1126 Datasheet HTML 1Page - ON Semiconductor 2SB1126 Datasheet HTML 2Page - ON Semiconductor 2SB1126 Datasheet HTML 3Page - ON Semiconductor 2SB1126 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB1126 / 2SD1626
Rev.0 I Page 3 of 4 I www.onsemi.com
hFE -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Ambient Temperature, Ta --
°C
57 --0.01
23
5
7
23
5
7
--0.1
2
--1.0
2SD1626
IC / IB=1000
2SB1126
IC / IB=1000
--1.0
--10
7
5
3
2
3
2
7
5
57 0.01
23
5
7
23
5
7
0.1
2
1.0
1.0
10
7
5
3
2
3
2
7
5
ITR08943
ITR08944
Mounted
on
a
ceramic
board
(250mm
2
0.8mm)
No heat
sink
0
1.8
1.6
1.4
1.0
1.2
0.8
0.4
0.2
0.6
20
060
40
80
100
140
120
160
1.0
5
7
2
3
5
2
3
5
7
2
3
0.1
1.0
57
2
5
37
10
25
37 100
DC
operation
For PNP, minus sign is omitted
2SB1126 / 2SD1626
ICP=3A
IC=1.5A
ITR08946
ITR08945
2SB1126 / 2SD1626
2SB1126
VCE= --2V
ITR08939
5
10
7
5
3
4
10
7
5
3
2
--0.01
--0.1
3
25
7
3
25
7
--1.0
2
5
10
7
5
3
4
10
7
5
3
2
0.01
0.1
3
25
7
3
25
7
1.0
2
2SD1626
VCE=2V
ITR08940
57 --0.01
23
5
7
23
5
7
--0.1
2
--1.0
--10
5
3
2
3
2
--1.0
5
7
7
57 0.01
23
5
7
23
5
7
0.1
2
1.0
10
5
3
2
3
2
1.0
5
7
7
2SD1626
IC / IB=1000
ITR08941
ITR08942
2SB1126
IC / IB=1000


Similar Part No. - 2SB1126

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
For Various Drivers
More results

Similar Description - 2SB1126

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
For Various Drivers
2SB880 SANYO-2SB880 Datasheet
119Kb / 4P
For Various Drivers
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
Various Drivers Applications
2SC4491 SANYO-2SC4491 Datasheet
75Kb / 3P
L Load (Various Drivers) Switching Applications
logo
Yamaichi Electronics Co...
ZP4-080-08-G2 YAMAICHI-ZP4-080-08-G2 Datasheet
163Kb / 2P
Header for SMT (Various Heights)
logo
Infineon Technologies A...
2PS12017E44G35911 INFINEON-2PS12017E44G35911 Datasheet
683Kb / 8P
Stacks for various inverter application.
2016-02-09 revision:2.0
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
VARIOUS
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
High Reliability Relay for Various Applications
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
logo
Renesas Technology Corp
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
Silicon Schottky Barrier Diode for Various Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com