Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1126 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SB1126
Description  For Various Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1126 Datasheet(HTML) 1 Page - ON Semiconductor

  2SB1126 Datasheet HTML 1Page - ON Semiconductor 2SB1126 Datasheet HTML 2Page - ON Semiconductor 2SB1126 Datasheet HTML 3Page - ON Semiconductor 2SB1126 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1126 / 2SD1626
Rev.0 I Page 1 of 4 I www.onsemi.com
Applications
Relay drivers, hammer drivers, lamp drivers, motor drivers.
Features
High DC current gain (4000 or greater).
Large current capacity.
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s.
Specifications ( ) : 2SB1126
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)80
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)10
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)3
A
Collector Dissipation
PC
500
mW
Mounted on a ceramic board (250mm2
✕0.8mm)
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)100
nA
Emitter Cutoff Current
IEBO
VEB=(--)8V, IC=0A
(--)100
nA
Marking 2SB1126 : BI
Continued on next page.
2SD1626 : DI
2SB1126 / 2SD1626
PNP / NPN Epitaxial Planar Silicon Transistors
For Various Drivers
Ordering number : EN1721B
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SB1126_2SD1626/D


Similar Part No. - 2SB1126

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
For Various Drivers
More results

Similar Description - 2SB1126

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
For Various Drivers
2SB880 SANYO-2SB880 Datasheet
119Kb / 4P
For Various Drivers
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
Various Drivers Applications
2SC4491 SANYO-2SC4491 Datasheet
75Kb / 3P
L Load (Various Drivers) Switching Applications
logo
Yamaichi Electronics Co...
ZP4-080-08-G2 YAMAICHI-ZP4-080-08-G2 Datasheet
163Kb / 2P
Header for SMT (Various Heights)
logo
Infineon Technologies A...
2PS12017E44G35911 INFINEON-2PS12017E44G35911 Datasheet
683Kb / 8P
Stacks for various inverter application.
2016-02-09 revision:2.0
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
VARIOUS
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
High Reliability Relay for Various Applications
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
logo
Renesas Technology Corp
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
Silicon Schottky Barrier Diode for Various Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com