Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD600 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SD600
Description  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD600 Datasheet(HTML) 1 Page - ON Semiconductor

  2SD600 Datasheet HTML 1Page - ON Semiconductor 2SD600 Datasheet HTML 2Page - ON Semiconductor 2SD600 Datasheet HTML 3Page - ON Semiconductor 2SD600 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering number : ENN346G
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SB631_2SB631K_2SD600_2SD600K/D
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C0
0
6
D
,
1
3
6
B
S
2K
0
0
6
D
,
K
1
3
6
B
S
2t
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
1
)
(0
2
1
)
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
1
)
(0
2
1
)
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
1
)
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
2
)
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
1W
8W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
( ) : 2SB631, 631K
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2009B
[2SB631, 631K/2SD600, 600K]
Features
· High breakdown voltage VCEO 100/120V, High
current 1A.
· Low saturation voltage, excellent hFE linearity.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126
Tc=25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
μ
0
1
)
(
=
E 0
=
0
0
6
D
,
1
3
6
B0
0
1
)
(V
K
0
0
6
D
,
K
1
3
6
B0
2
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
(
=
E
B =∞
0
0
6
D
,
1
3
6
B0
0
1
)
(V
K
0
0
6
D
,
K
1
3
6
B0
2
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
μ
0
1
)
(
=
C 0
=5
)
(V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
(
=
E 0
=1
)
(A
μ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
(
=
C 0
=1
)
(A
μ
8.0
4.0
1.6
0.8
0.8
0.6
0.5
2.7
4.8
2.4
12
3
3.0
Continued on next page.
2SB631, 631K/
2SD600, 600K
PNP/NPN Epitaxial Planar Silicon Transistors
100V/120V, 1A Low-Frequency
Power Amplifier Applications


Similar Part No. - 2SD600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD600 SANYO-2SD600 Datasheet
106Kb / 3P
   100V/120V, 1A Low-Frequency Power Amp Applications
2SD600 SANYO-2SD600 Datasheet
126Kb / 4P
   100V/120V, 1A Low-Frequency Power Amplifier Applications
logo
Inchange Semiconductor ...
2SD600 ISC-2SD600 Datasheet
168Kb / 3P
   isc Silicon NPN Power Transistor
2SD600 ISC-2SD600 Datasheet
201Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD600 SAVANTIC-2SD600 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD600

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com