Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 3 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 3 Page - Micron Technology

  MT55L512L18P Datasheet HTML 1Page - Micron Technology MT55L512L18P Datasheet HTML 2Page - Micron Technology MT55L512L18P Datasheet HTML 3Page - Micron Technology MT55L512L18P Datasheet HTML 4Page - Micron Technology MT55L512L18P Datasheet HTML 5Page - Micron Technology MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
addresses can be internally generated as controlled by
the burst advance pin (ADV/LD#). Use of burst mode
is optional. It is allowable to give an address for each
individual READ and WRITE cycle. BURST cycles wrap
around after the fourth access from a base address.
To allow for continuous, 100 percent use of the data
bus, the pipelined ZBT SRAM uses a LATE LATE WRITE
cycle. For example, if a WRITE cycle begins in clock cycle
one, the address is present on rising edge one. BYTE
WRITEs need to be asserted on the same cycle as the
address. The data associated with the address is required
two cycles later, or on the rising edge of clock cycle three.
Address and write control are registered on-chip to
simplify WRITE cycles. This allows self-timed WRITE
cycles. Individual byte enables allow individual bytes to
be written. During a BYTE WRITE cycle, BWa# controls
DQa pins; BWb# controls DQb pins; BWc# controls
DQc pins; and BWd# controls DQd pins. Cycle types
can only be defined when an address is loaded, i.e.,
when ADV/LD# is LOW. Parity/ECC bits are only
available on the x36 version.
Micron’s 8Mb ZBT SRAMs operate from a +3.3V VDD
power supply, and all inputs and outputs are LVTTL-
compatible. Users can choose either a 2.5V or 3.3V I/O
version. The device is ideally suited for systems requir-
ing high bandwidth and zero bus turnaround delays.
Please refer to Micron’s Web site (www.micron.com/
datasheets) for the latest data sheet.
GENERAL DESCRIPTION
The Micron® Zero Bus Turnaround(ZBT®) SRAM
family employs high-speed, low-power CMOS designs
using an advanced CMOS process.
Micron’s 8Mb ZBT SRAMs integrate a 512K x 18,
256K x 32, or 256K x 36 SRAM core with advanced
synchronous peripheral circuitry and a 2-bit burst
counter. These SRAMs are optimized for 100 percent
bus utilization, eliminating any turnaround cycles for
READ to WRITE, or WRITE to READ, transitions. All
synchronous inputs pass through registers controlled
by a positive-edge-triggered single clock input (CLK).
The synchronous inputs include all addresses, all data
inputs, chip enable (CE#), two additional chip enables
for easy depth expansion (CE2, CE2#), cycle start input
(ADV/LD#), synchronous clock enable (CKE#), byte
write enables (BWa#, BWb#, BWc#, and BWd#), and
read/write (R/W#).
Asynchronous inputs include the output enable
(OE#, which may be tied LOW for control signal mini-
mization), clock (CLK), and snooze enable (ZZ, which
may be tied LOW if unused). There is also a burst mode
pin (MODE) that selects between interleaved and linear
burst modes. MODE may be tied HIGH, LOW, or left
unconnected if burst is unused. The data-out (Q),
enabled by OE#, is registered by the rising edge of CLK.
WRITE cycles can be from one to four bytes wide as
controlled by the write control inputs.
All READ, WRITE, and DESELECT cycles are initi-
ated by the ADV/LD# input. Subsequent burst


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com