Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 15 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 15 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 11Page - Micron Technology MT55L512L18P Datasheet HTML 12Page - Micron Technology MT55L512L18P Datasheet HTML 13Page - Micron Technology MT55L512L18P Datasheet HTML 14Page - Micron Technology MT55L512L18P Datasheet HTML 15Page - Micron Technology MT55L512L18P Datasheet HTML 16Page - Micron Technology MT55L512L18P Datasheet HTML 17Page - Micron Technology MT55L512L18P Datasheet HTML 18Page - Micron Technology MT55L512L18P Datasheet HTML 19Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
x 1 8
x32/x36
SYMBOL TYPE
DESCRIPTION
3D, 3E, 3F,
3D, 3E, 3F,
VSS
Supply Ground: GND.
3H, 3K, 3L,
3H, 3K, 3M,
3M, 3N, 3P,
3N, 3P, 5D,
5D, 5E, 5F,
5E, 5F, 5H,
5G, 5H, 5K,
5K, 5M, 5N,
5M, 5N, 5P
5P
2U, 3U, 4U,
2U, 3U, 4U,
D N U
Do Not Use: These signals may either be unconnected or wired
5 U
5 U
to GND to improve package heat dissipation.
1B, 1C, 1E,
1B, 1C, 1R,
N C
No Connect: These signals are not internally connected and
1G, 1K, 1P,
1T, 2T, 3J,
may be connected to ground to improve package heat
1R, 1T, 2D,
4D, 4L, 5J,
dissipation.
2F, 2H, 2L,
6T, 6U, 7B,
2N, 3J, 4D,
7C, 7R
4L, 4T, 5J,
6E, 6G, 6K,
6M, 6P, 6U,
7B, 7C, 7D,
7H, 7L, 7N,
7R
NF
No Function: These pins are internally connected to the die and
have the capacitance of an input pin. It is allowable to leave
these pins unconnected or driven by signals.
BGA PIN DESCRIPTIONS (continued)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com