Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 14 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 14 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 10Page - Micron Technology MT55L512L18P Datasheet HTML 11Page - Micron Technology MT55L512L18P Datasheet HTML 12Page - Micron Technology MT55L512L18P Datasheet HTML 13Page - Micron Technology MT55L512L18P Datasheet HTML 14Page - Micron Technology MT55L512L18P Datasheet HTML 15Page - Micron Technology MT55L512L18P Datasheet HTML 16Page - Micron Technology MT55L512L18P Datasheet HTML 17Page - Micron Technology MT55L512L18P Datasheet HTML 18Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
BGA PIN DESCRIPTIONS (continued)
x 1 8
x32/x36
SYMBOL TYPE
DESCRIPTION
4 F
4 F
OE#
Input
Output Enable: This active LOW, asynchronous input enables the
data I/O output drivers.
4 B
4 B
ADV#/LD# Input Synchronous Address Advance/Load: When HIGH, this input is
used to advance the internal burst counter, controlling burst
access after the external addressis loaded. When ADV#/LD# is
HIGH, R/W# is ignored. A LOW on ADV#/LD# clocks a new
address at the CLK rising edge.
3 R
3 R
MODE
Input Mode: This input selects the burst sequence. A LOW on this
input selects “linear burst.” NC or HIGH on this input selects
“interleaved burst.” Do not alter input state while device is
operating.
4 A
4 A
N F
Input
No Function: These pins are internally connected to the die and
will have the capacitance of input pins. It is allowable to leave
these pins unconnected or driven by signals. These pins are
reserved for address expansion; 4A becomes an SA at 16Mb
density.
(a) 6F, 6H, 6L,
(a) 6K, 6L,
D Q a
Input/ SRAM Data I/Os: For the x18 version, Byte “a” is DQa’s; Byte “b”
6N, 7E, 7G,
6M, 6N, 7K,
Output is DQb’s. For the x32 and x36 versions, Byte “a” is DQa’s;
7K, 7P
7L, 7N, 7P
Byte “b” is DQb’s; Byte “c” is DQc’s; Byte “d” is DQd’s. Input
(b) 1D, 1H,
(b) 6E, 6F,
D Q b
data must meet setup and hold times around the rising edge of
1L, 1N, 2E,
6G, 6H, 7D,
CLK.
2G, 2K, 2M
7E, 7G, 7H
(c) 1D, 1E,
DQc
1G, 1H, 2E,
2F, 2G, 2H
(d) 1K, 1L,
DQd
1N, 1P, 2K,
2L, 2M, 2N
6D
6P
NF/DQPa
NF/
No Function/Parity Data I/Os: On the x32 version, these are No
2P
6 D
NF/DQPb
I/O
Function (NF). On the x18 version, Byte “a” parity is DQPa; Byte
2D
NF/DQPc
“b” parity is DQPb. On the x36 version, Byte “a” parity is DQPa;
2P
NF/DQPd
Byte “b” parity is DQPb; Byte “c” parity is DQPc; Byte “d” parity
is DQPd.
2J, 4C, 4J,
2J, 4C, 4J,
VDD
Supply Power Supply: See DC Electrical Characteristics and Operating
4R, 5R, 6J
4R, 5R, 6J
Conditions for range.
1A, 1F, 1J,
1A, 1F, 1J,
VDDQ
Supply Isolated Output Buffer Supply: See DC Electrical Characteristics
1M, 1U, 7A,
1M, 1U, 7A,
and Operating Conditions for range.
7F, 7J, 7M,
7F, 7J, 7M,
7U
7U
(continued on next page)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
1M x 8 8Mb Asynchronous SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
8Mb SyncBurst Pipelined SRAM
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
8Mb SyncBurst Flow through SRAM
logo
Maxim Integrated Produc...
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com