Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 12 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 12 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology MT55L512L18P Datasheet HTML 10Page - Micron Technology MT55L512L18P Datasheet HTML 11Page - Micron Technology MT55L512L18P Datasheet HTML 12Page - Micron Technology MT55L512L18P Datasheet HTML 13Page - Micron Technology MT55L512L18P Datasheet HTML 14Page - Micron Technology MT55L512L18P Datasheet HTML 15Page - Micron Technology MT55L512L18P Datasheet HTML 16Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
PIN LAYOUT (TOP VIEW)
119-PIN BGA
x18
x32/x36
NOTE: 1. Pin 4A is reserved for address expansion to 18Mb.
2. No Function (NF) is used on the x32 version. Parity (DQPx) is used on the x36 version.
3. Pin 3J, 5J, and 5R do not have to be connected directly to VDD if the input voltage is
≥ VIH.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
1
VDDQ
NC
NC
DQb
NC
VDDQ
NC
DQb
VDDQ
NC
DQb
VDDQ
DQb
NC
NC
NC
VDDQ
SA
CE2
SA
NC
DQb
NC
DQb
NC
VDD
DQb
NC
DQb
NC
DQPb
SA
SA
DNU
SA
SA
SA
VSS
VSS
VSS
BWb#
VSS
VDD3
VSS
VSS
VSS
VSS
VSS
MODE (LBO#)
SA
DNU
NF1
ADV/LD#
VDD
NC
CE#
OE# (G#)
SA
R/W#
VDD
CLK
NC
CKE#
SA1
SA0
VDD
NC
DNU
SA
SA
SA
VSS
VSS
VSS
VSS
VSS
VDD3
VSS
BWa#
VSS
VSS
VSS
VDD
3
SA
DNU
SA
CE2#
SA
DQPa
NC
DQa
NC
DQa
VDD
NC
DQa
NC
DQa
NC
SA
SA
NC
VDDQ
NC
NC
NC
DQa
VDDQ
DQa
NC
VDDQ
DQa
NC
VDDQ
NC
DQa
NC
ZZ
VDDQ
TOP VIEW
234567
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
1
VDDQ
NC
NC
DQc
DQc
VDDQ
DQc
DQc
VDDQ
DQd
DQd
VDDQ
DQd
DQd
NC
NC
VDDQ
SA
CE2
SA
NC/DQPc2
DQc
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
NC/DQPd2
SA
NC
DNU
SA
SA
SA
VSS
VSS
VSS
BWc#
VSS
VDD3
VSS
BWd#
VSS
VSS
VSS
MODE (LBO#)
SA
DNU
NF1
ADV/LD#
VDD
NC
CE#
OE# (G#)
SA
R/W#
VDD
CLK
NC
CKE#
SA1
SA0
VDD
SA
DNU
SA
SA
SA
VSS
VSS
VSS
BWb#
VSS
VDD3
VSS
BWa#
VSS
VSS
VSS
VDD
3
SA
DNU
SA
CE2#
SA
NC/DQPb2
DQb
DQb
DQb
DQb
VDD
DQa
DQa
DQa
DQa
NC/DQPa2
SA
NC
NC
VDDQ
NC
NC
DQb
DQb
VDDQ
DQb
DQb
VDDQ
DQa
DQa
VDDQ
DQa
DQa
NC
ZZ
VDDQ
TOP VIEW
234567


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com