Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 10 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 10 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology MT55L512L18P Datasheet HTML 10Page - Micron Technology MT55L512L18P Datasheet HTML 11Page - Micron Technology MT55L512L18P Datasheet HTML 12Page - Micron Technology MT55L512L18P Datasheet HTML 13Page - Micron Technology MT55L512L18P Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
x18
x32/x36
SYMBOL
TYPE
DESCRIPTION
8B
8B
OE#
Input
Output Enable: This active LOW, asynchronous input enables the
(G#)
data I/O output drivers.
8A
8A
ADV/LD#
Input
Synchronous Address Advance/Load: When HIGH, this input is used
to advance the internal burst counter, controlling burst access after
the external address is loaded. When ADV/LD# is HIGH, R/W# is
ignored. A LOW on ADV/LD# clocks a new address at the CLK rising
edge.
1R
1R
MODE
Input
Mode: This input selects the burst sequence. A LOW on this input
(LBO#)
selects “linear burst.” NC or HIGH on this input selects “interleaved
burst.” Do not alter input state while device is operating.
(a) 10J, 10K,
(a) 10J, 10K,
DQa
Input/ SRAM Data I/Os: For the x18 version, Byte “a” is associated with
10L, 10M, 11D 10L, 10M, 11J,
Output DQa’s; Byte “b” is associated with DQb’s. For the x32 and x36
11E, 11F, 11G 11K, 11L, 11M
versions, Byte “a” is associated with DQa’s; Byte “b” is associated
(b) 2D, 2E, 2F, (b) 10D, 10E,
DQb
with DQb’s; Byte “c” is associated with DQc’s; Byte “d” is associated
2G, 1J, 1K,
10F, 10G, 11D,
with DQd’s. Input data must meet setup and hold times around the
1L, 1M
11E, 11F, 11G
rising edge of CLK.
(c) 1D, 1E, 1F,
DQc
1G, 2D, 2E,
2F, 2G,
(d) 1J, 1K, 1L,
DQd
1M, 2J, 2K,
2L, 2M
11C
11N
NF/DQPa
NF/
No Function/Parity Data I/Os: On the x32 version, these are No
1N
11C
NF/DQPb
I/O
Function(NF). On the x18 version, Byte “a” parity is DQPa; Byte “b”
1C
NF/DQPc
parity is DQPb. On the x36 version, Byte “a” parity is DQPa; Byte
1N
NF/DQPd
“b” parity is DQPb; Byte “c” parity is DQPc; Byte “d” parity is DQPd.
1H, 2H, 4D,
1H, 2H, 4D,
VDD
Supply Power Supply: See DC Electrical Characteristics and Operating
4E, 4F, 4G, 4H, 4E, 4F, 4G, 4H,
Conditions for range.
4J, 4K, 4L, 4M, 4J, 4K, 4L, 4M,
7N, 8D, 8E, 8F, 7N, 8D, 8E, 8F,
8G,8H, 8J,
8G,8H, 8J,
8K, 8L, 8M
8K, 8L, 8M
3C, 3D, 3E, 3F, 3C, 3D, 3E, 3F,
VDDQ
Supply Isolated Output Buffer Supply: See DC Electrical Characteristics and
3G, 3J, 3K, 3L, 3G, 3J, 3K, 3L,
Operating Conditions for range.
3M, 3N, 9C,
3M, 3N, 9C,
9D, 9E, 9F,
9D, 9E, 9F,
9G, 9J, 9K,
9G, 9J, 9K,
9L, 9M, 9N
9L, 9M, 9N
FBGA PIN DESCRIPTIONS (CONTINUED)
(continued on next page)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com