Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 1 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 1 Page - Micron Technology

  MT55L512L18P Datasheet HTML 1Page - Micron Technology MT55L512L18P Datasheet HTML 2Page - Micron Technology MT55L512L18P Datasheet HTML 3Page - Micron Technology MT55L512L18P Datasheet HTML 4Page - Micron Technology MT55L512L18P Datasheet HTML 5Page - Micron Technology MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
8Mb
ZBT® SRAM
FEATURES
• High frequency and 100 percent bus utilization
• Fast cycle times: 6ns, 7.5ns and 10ns
• Single +3.3V ±5% power supply (VDD)
• Separate +3.3V or +2.5V isolated output buffer
supply (VDDQ)
• Advanced control logic for minimum control
signal interface
• Individual BYTE WRITE controls may be tied LOW
• Single R/W# (read/write) control pin
• CKE# pin to enable clock and suspend operations
• Three chip enables for simple depth expansion
• Clock-controlled and registered addresses, data
I/Os and control signals
• Internally self-timed, fully coherent WRITE
• Internally self-timed, registered outputs to
eliminate the need to control OE#
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Linear or Interleaved Burst Modes
• Burst feature (optional)
• Pin/function compatibility with 2Mb, 4Mb, and
18Mb ZBT SRAM
• Automatic power-down
• 100-pin TQFP package
• 165-pin FBGA package
• 119-pin BGA package
OPTIONS
MARKING*
• Timing (Access/Cycle/MHz)
3.5ns/6ns/166 MHz
-6
4.2ns/7.5ns/133 MHz
-7.5
5ns/10ns/100 MHz
-10
• Configurations
3.3V I/O
512K x 18
MT55L512L18P
256K x 32
MT55L256L32P
256K x 36
MT55L256L36P
2.5V I/O
512K x 18
MT55L512V18P
256K x 32
MT55L256V32P
256K x 36
MT55L256V36P
• Package
100-pin TQFP
T
165-pin, 13mm x 15mm FBGA
F
119-pin, 14mm x 22mm BGA
B
• Operating Temperature Range
Commercial (0ºC to +70ºC)
None
Industrial (-40°C to +85°C)**
IT
MT55L512L18P, MT55L512V18P,
MT55L256L32P, MT55L256V32P,
MT55L256L36P, MT55L256V36P
3.3V VDD, 3.3V or 2.5V I/O
* A Part Marking Guide for the FBGA devices can be found on Micron’s
web site—http://www.micron.com/support/index.html.
** Industrial temperature range offered in specific speed grades and
confgurations. Contact factory for more information.
Part Number Example:
MT55L256L32PT-7.5
* A Part Marking Guide for the FBGA devices can be found on Micron’s
web site—http://www.micron.com/support/index.html.
** Industrial temperature range offered in specific speed grades and
confgurations. Contact factory for more information.
NOTE: 1. JEDEC-standard MS-026 BHA (LQFP).
2. JEDEC-standard MS-028 BHA (PBGA).
100-Pin TQFP1
119-Pin BGA2
165-Pin FBGA
(Preliminary Package Data)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com