Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 9 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 9 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 5Page - Micron Technology MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology MT55L512L18P Datasheet HTML 10Page - Micron Technology MT55L512L18P Datasheet HTML 11Page - Micron Technology MT55L512L18P Datasheet HTML 12Page - Micron Technology MT55L512L18P Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
FBGA PIN DESCRIPTIONS
x18
x32/x36
SYMBOL
TYPE
DESCRIPTION
6R
6R
SA0
Input
Synchronous Address Inputs: These inputs are registered and
6P
6P
SA1
must meet the setup and hold times around the rising edge of
2A, 9A, 10A, 2A, 9A, 10A,
SA
CLK.
11A, 2B, 10B,
2B, 10B,
3P, 4P, 8P,
3P, 4P, 8P,
9P, 10P, 3R,
9P, 10P, 3R,
4R, 8R, 9R,
4R, 8R, 9R,
10R, 11R
10R, 11R
5B
5B
BWa#
Input
Synchronous Byte Write Enables: These active LOW inputs allow
4A
5A
BWb#
individual bytes to be written and must meet the setup and hold
4A
BWc#
times around the rising edge of CLK. A byte write enable is LOW
4B
BWd#
for a WRITE cycle and HIGH for a READ cycle. For the x18 version,
BWa# controls DQa’s and DQPa; BWb# controls DQb’s and DQPb.
For the x32 and x36 versions, BWa# controls DQa’s and DQPa;
BWb# controls DQb’s and DQPb; BWc# controls DQc’s and DQPc;
BWd# controls DQd’s and DQPd. Parity is only available on the
x18 and x36 versions.
7A
7A
CKE#
Input
Synchronous Clock Enable: This active LOW input permits CLK to
propogate throughout the device. When CKE# is HIGH, the
device ignores the CLK input and effectively internally extends
the previous CLK cycle. This input must meet the setup and hold
times around the rising edge of CLK.
7B
7B
R/W#
Input
Read/Write: This input determines the cycle type when ADV/LD#
is LOW and is the only means for determining READs and
WRITEs. READ cycles may not be converted into WRITEs (and vice
versa) other than by loading a new address. A LOW on this pin
permits BYTE WRITE operations to meet the setup and hold times
around the rising edge of CLK. Full bus-width WRITEs occur if all
byte write enables are LOW.
6B
6B
CLK
Input
Clock: This signal registers the address, data, chip enable, byte
write enables and burst control inputs on its rising edge. All
synchronous inputs must meet setup and hold times around the
clock’s rising edge.
3A
3A
CE#
Input
Synchronous Chip Enable: This active LOW input is used to enable
the device. CE# is sampled only when a new external address is
loaded.
6A
6A
CE2#
Input
Synchronous Chip Enable: This active LOW input is used to enable
the device and is sampled only when a new external address is
loaded.
11H
11H
ZZ
Input
Snooze Enable: This active HIGH, asynchronous input causes the
device to enter a low-power standby mode in which all data in
the memory array is retained. When ZZ is active, all other inputs
are ignored.
3B
3B
CE2
Input
Synchronous Chip Enable: This active HIGH input is used to
enable the device and is sampled only when a new external
address is loaded.
(continued on next page)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
1M x 8 8Mb Asynchronous SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
8Mb SyncBurst Pipelined SRAM
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
8Mb SyncBurst Flow through SRAM
logo
Maxim Integrated Produc...
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com