Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 7 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 7 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 3Page - Micron Technology MT55L512L18P Datasheet HTML 4Page - Micron Technology MT55L512L18P Datasheet HTML 5Page - Micron Technology MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology MT55L512L18P Datasheet HTML 10Page - Micron Technology MT55L512L18P Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
TQFP PIN DESCRIPTIONS (CONTINUED)
x18
x32/x36
SYMBOL TYPE
DESCRIPTION
88
88
R/W#
Input
Read/Write: This input determines the cycle type when
ADV/LD# is LOW and is the only means for determining
READs and WRITEs. READ cycles may not be converted into
WRITEs (and vice versa) other than by loading a new
address. A LOW on this pin permits BYTE WRITE operations
and must meet the setup and hold times around the rising
edge of CLK. Full bus-width WRITEs occur if all byte write
enables are LOW.
31
31
MODE
Input
Mode: This input selects the burst sequence. A LOW on
(LBO#)
this pin selects linear burst. NC or HIGH on this pin selects
interleaved burst. Do not alter input state while device is
operating. LBO# is the JEDEC-standard term for MODE.
(a) 58, 59, 62, 63,
(a) 52, 53, 56-59,
DQa
Input/
SRAM Data I/Os: Byte “a” is associated with DQa pins;
68, 69, 72-74
62, 63
Output
Byte “b” is associated with DQb pins; Byte “c” is
(b) 8, 9, 12, 13,
(b) 68, 69, 72-75,
DQb
associated with DQc pins; Byte “d” is associated with
18, 19, 22-24
78, 79
DQd pins. Input data must meet setup and hold times
(c) 2, 3, 6-9,
DQc
around the rising edge of CLK.
12, 13
(d) 18, 19, 22-25,
DQd
28, 29
n/a
51
NF/DQPa
NF/
No Function/Data Bits: On the x32 version, these pins are
80
NF/DQPb
I/O
No Function (NF) and can be left floating or connected to
1
NF/DQPc
GND to minimize thermal impedance. On the x36 version,
30
NF/DQPd
these bits are DQPs.
14, 15, 16, 41, 65,
14, 15, 16, 41, 65,
VDD
Supply
Power Supply: See DC Electrical Characteristics and
66, 91
66, 91
Operating Conditions for range.
4, 11, 20, 27,
4, 11, 20, 27,
VDDQ
Supply
Isolated Output Buffer Supply: See DC Electrical
54, 61, 70, 77
54, 61, 70, 77
Characteristics and Operating Conditions for range.
5, 10, 17, 21,
5, 10, 17, 21,
VSS
Supply
Ground: GND.
26, 40, 55, 60,
26, 40, 55, 60,
67, 71, 76, 90
67, 71, 76, 90
1-3, 6, 7, 25,
n/a
NC
No Connect: These pins can be left floating or connected
28-30, 51-53, 56,
to GND to minimize thermal impedance.
57, 75, 78, 79,
95, 96
38, 39, 42, 43
38, 39, 42, 43
DNU
Do Not Use: These signals may either be unconnected or
wired to GND to minimize thermal impedance.
84
84
NF
No Function: This pin is internally connected to the die and
will have the capacitance of an input pin. It is allowable to
leave this pin unconnected or driven by signals. Pin 84 is
reserved as an address pin for the 18Mb ZBT SRAM.


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com