Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P Datasheet(PDF) 6 Page - Micron Technology

Part # MT55L512L18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P Datasheet(HTML) 6 Page - Micron Technology

Back Button MT55L512L18P Datasheet HTML 2Page - Micron Technology MT55L512L18P Datasheet HTML 3Page - Micron Technology MT55L512L18P Datasheet HTML 4Page - Micron Technology MT55L512L18P Datasheet HTML 5Page - Micron Technology MT55L512L18P Datasheet HTML 6Page - Micron Technology MT55L512L18P Datasheet HTML 7Page - Micron Technology MT55L512L18P Datasheet HTML 8Page - Micron Technology MT55L512L18P Datasheet HTML 9Page - Micron Technology MT55L512L18P Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
TQFP PIN DESCRIPTIONS
x18
x32/x36
SYMBOL TYPE
DESCRIPTION
37
37
SA0
Input
Synchronous Address Inputs: These inputs are registered
36
36
SA1
and must meet the setup and hold times around the rising
32-35, 44-50,
32-35, 44-50,
SA
edge of CLK. Pin 84 is reserved as an address bit for
80-83, 99, 100
81-83, 99, 100
higher-density 18Mb ZBT SRAMs. SA0 and SA1 are the
two least significant bits (LSB) of the address field and
set the internal burst counter if burst is desired.
93
93
BWa#
Input
Synchronous Byte Write Enables: These active LOW inputs
94
94
BWb#
allow individual bytes to be written when a WRITE cycle is
95
BWc#
active and must meet the setup and hold times around the
96
BWd#
rising edge of CLK. BYTE WRITEs need to be asserted on
the same cycle as the address. BWs are associated with
addresses and apply to subsequent data. BWa# controls
DQa pins; BWb# controls DQb pins; BWc# controls DQc
pins; BWd# controls DQd pins.
89
89
CLK
Input
Clock: This signal registers the address, data, chip enables,
byte write enables, and burst control inputs on its rising
edge. All synchronous inputs must meet setup and hold
times around the clock’s rising edge.
98
98
CE#
Input
Synchronous Chip Enable: This active LOW input is used to
enable the device and is sampled only when a new
external address is loaded (ADV/LD# is LOW).
92
92
CE2#
Input
Synchronous Chip Enable: This active LOW input is used to
enable the device and is sampled only when a new
external address is loaded (ADV/LD# is LOW). This
input can be used for memory depth expansion.
97
97
CE2
Input
Synchronous Chip Enable: This active HIGH input is used to
enable the device and is sampled only when a new
external address is loaded (ADV/LD# is LOW). This
input can be used for memory depth expansion.
86
86
OE#
Input
Output Enable: This active LOW, asynchronous input
(G#)
enables the data I/O output drivers. G# is the JEDEC-
standard term for OE#.
85
85
ADV/LD# Input
Synchronous Address Advance/Load: When HIGH, this
input is used to advance the internal burst counter,
controlling burst access after the external address is
loaded. When ADV/LD# is HIGH, R/W# is ignored. A LOW
on ADV/LD# clocks a new address at the CLK rising edge.
87
87
CKE#
Input
Synchronous Clock Enable: This active LOW input permits
CLK to propagate throughout the device. When CKE# is
HIGH, the device ignores the CLK input and effectively
internally extends the previous CLK cycle. This input must
meet setup and hold times around the rising edge of CLK.
64
64
ZZ
Input
Snooze Enable: This active HIGH, asynchronous input
causes the device to enter a low-power standby mode in
which all data in the memory array is retained. When ZZ is
active, all other inputs are ignored.
(continued on next page)


Similar Part No. - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com