Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT55L512L18P-1 Datasheet(PDF) 2 Page - Micron Technology

Part # MT55L512L18P-1
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512L18P-1 Datasheet(HTML) 2 Page - Micron Technology

  MT55L512L18P-1 Datasheet HTML 1Page - Micron Technology MT55L512L18P-1 Datasheet HTML 2Page - Micron Technology MT55L512L18P-1 Datasheet HTML 3Page - Micron Technology MT55L512L18P-1 Datasheet HTML 4Page - Micron Technology MT55L512L18P-1 Datasheet HTML 5Page - Micron Technology MT55L512L18P-1 Datasheet HTML 6Page - Micron Technology MT55L512L18P-1 Datasheet HTML 7Page - Micron Technology MT55L512L18P-1 Datasheet HTML 8Page - Micron Technology MT55L512L18P-1 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
36
36
36
36
36
K
MODE
18
BWa#
BWb#
BWc#
BWd#
R/W#
CE#
CE2
CE2#
OE#
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
256K x 8 x 4
(x32)
256K x 9 x 4
(x36)
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
18
18
16
18
BURST
LOGIC
SA0'
SA1'
D1
D0
Q1
Q0
SA0
SA1
K
18
ADV/LD#
ADV/LD#
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
E
CLK
CKE#
WRITE
DRIVERS
SA0, SA1, SA
36
36
36
NOTE: Functional block diagrams illustrate simplified device operation. See truth table, pin descriptions, and timing diagrams
for detailed information.
FUNCTIONAL BLOCK DIAGRAM
256K x 32/36
FUNCTIONAL BLOCK DIAGRAM
512K x 18
18
18
18
18
SA0, SA1, SA
K
MODE
19
BWa#
BWb#
R/W#
CE#
CE2
CE2#
OE#
READ LOGIC
DQs
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
512K x 9 x 2
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
19
19
17
19
BURST
LOGIC
SA0'
SA1'
D1
D0
Q1
Q0
SA0
SA1
K
19
ADV/LD#
ADV/LD#
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
E
CLK
CKE#
WRITE
DRIVERS
18
18
18
18
18


Similar Part No. - MT55L512L18P-1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512L18P-1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com