Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7SB3126AMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # 7SB3126AMX1TCG
Description  Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7SB3126AMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  7SB3126AMX1TCG Datasheet HTML 1Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 2Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 3Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 4Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 5Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 6Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 7Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 8Page - ON Semiconductor 7SB3126AMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7SB3126
http://onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 255C
TA = −555C to +1255C
Unit
Min
Typ
Max
Min
Max
VIK
Clamp Diode Voltage
IIN = −18 mA
4.5
−1.2
−1.2
V
VIH
High−Level Input Voltage
(Control)
4.0 to 5.5
2.0
2.0
V
VIL
Low−Level Input Voltage
(Control)
4.0 to 5.5
0.8
0.8
V
IIN
Input Leakage Current
0 ≤ VIN ≤ 5.5 V
5.5
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VI/O = 0 to 5.5 V
0
±0.1
±1.0
mA
ICC
Quiescent Supply Current
IO = 0, VIN =
VCC or 0 V
5.5
±0.1
±1.0
mA
DICC
Increase in Supply Current
(Control Pin)
One input at 3.4
V; Other inputs
at VCC or GND
5.5
2.5
mA
RON
Switch ON Resistance
VI/O = 0,
II/O = 64 mA
II/O = 30 mA
4.5
3
3
7
7
7
7
W
VI/O = 2.4,
II/O = 15 mA
4.5
6
15
15
VI/O = 2.4,
II/O = 15 mA
4.0
10
20
20
Table 4. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VCC (V)
Test Condition
TA = 255C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay,
A to B or B to A
4.0 to 5.5
See Figure 3
0.25
0.25
ns
0.25
0.25
tEN
Output Enable Time
4.5 to 5.5
0.8
2.5
4.2
0.8
4.2
ns
4.0
0.8
3.0
4.6
0.8
4.6
tDIS
Output Disable Time
4.5 to 5.5
0.8
3.1
4.8
0.8
4.8
ns
4.0
0.8
2.9
4.4
0.8
4.4
CIN
Control Input Capacitance
5.0
VIN = 3 V or 0
2.0
pF
CIO(ON)
Switch On Capacitance
5.0
Switch ON
10
pF
CIO(OFF)
Switch Off Capacitance
5.0
Switch OFF
3.5
pF


Similar Part No. - 7SB3126AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
More results

Similar Description - 7SB3126AMX1TCG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4915A-005 HP-N4915A-005 Datasheet
173Kb / 4P
   Bus Switch
logo
ON Semiconductor
7SB384 ONSEMI-7SB384 Datasheet
139Kb / 10P
   Bus Switch
March, 2011 ??Rev. 2
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
   Quad Bus Switch
logo
PHOENIX CONTACT
5088A PHOENIX-5088A Datasheet
120Kb / 4P
   Remote Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com