Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1A620JA02 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1A620JA02
Description  Temperature range of temperature characteristics
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1A620JA02 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1A620JA02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0225C1A620JA02#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0225C1A620JA02L
Shape
L size
0.4 ±0.02mm
W size
0.2 ±0.02mm
T size
0.2 ±0.02mm
External terminal width e
0.07 to 0.14mm
Distance between external terminals g
0.13mm min.
Size code in inch(mm)
01005 (0402)
Specifications
Capacitance
62pF ±5%
Rated voltage
10Vdc
Temperature characteristics (complied standard)
C0G(EIA)
Temperature coefficient
0±30ppm/℃
Temperature range of temperature characteristics
25 to 125℃
Operating temperature range
-55 to 125℃
References
Packaging
Specifications
Minimum quantity
φ180mm Embossed taping
40000
Mass (typ.)
1 piece
0.09mg
φ180mm Reel
117g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/11/11


Similar Part No. - GRM0225C1A620JA02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1A620GA02 MURATA-GRM0225C1A620GA02 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
More results

Similar Description - GRM0225C1A620JA02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E2R2CDAE MURATA-GRM0225C1E2R2CDAE Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1E1R8WDAE MURATA-GRM0225C1E1R8WDAE Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1CR82BD05 MURATA-GRM0225C1CR82BD05 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1C3R0BA03 MURATA-GRM0225C1C3R0BA03 Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1C3R4WA03 MURATA-GRM0225C1C3R4WA03 Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1A221JA02 MURATA-GRM0225C1A221JA02 Datasheet
115Kb / 2P
   Temperature range of temperature characteristics
GRM0225C1A101JA02 MURATA-GRM0225C1A101JA02 Datasheet
92Kb / 2P
   Temperature range of temperature characteristics
GRM0332C2A9R2WA01 MURATA-GRM0332C2A9R2WA01 Datasheet
93Kb / 2P
   Temperature range of temperature characteristics
GRM0332C2A9R3DA01 MURATA-GRM0332C2A9R3DA01 Datasheet
93Kb / 2P
   Temperature range of temperature characteristics
GRM0332C2A9R5CA01 MURATA-GRM0332C2A9R5CA01 Datasheet
93Kb / 2P
   Temperature range of temperature characteristics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com