Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11961-01CR Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S11961-01CR
Description  Distance linear image sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11961-01CR Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S11961-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Distance linear image sensor
S11961-01CR
Recommended terminal voltage (Ta=25 °C)
Electrical characteristics [Ta=25 °C, Vdd(A)=Vdd(D)=5 V]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Analog supply voltage
Vdd(A)
4.75
5
5.25
V
Digital supply voltage
Vdd(D)
4.75
5
5.25
V
Bias voltage
Pixel amplifier
Vsf
4.5
5
Vdd(A)
V
Pixel reset
Vr
4
4.25
4.5
V
Photosensitive area
Vpg
0.8
1.0
1.2
V
Pixel reset pulse voltage
High level
p_res
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Signal sampling pulse voltage
High level
phis
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Master clock pulse voltage
High level
mclk
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Signal readout trigger pulse
voltage
High level
trig
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Output signal synchronous pulse
voltage
High level
dclk
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock pulse frequency
f(mclk)
1 M
-
5 M
Hz
Video data rate
VR
-
f(mclk)
-
Hz
Current consumption
Ic
Dark state
-
15
30
mA
Electrical and optical characteristics [Ta=25 °C, Vdd(A)=Vdd(D)=5 V, Vsf=5 V, Vr=4.25 V, MCLK=5 MHz]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Spectral response range
λ
400 to 1100
nm
Peak sensitivity wavelength
λp
-
800
-
nm
Photosensitivity*3
S
1.05 × 1012
2.1 × 1012
4.2 × 1012
V/W·s
Dark output
Vd
-
0.5
10
V/s
Random noise
RN
-
0.4
0.8
mV rms
Dark output voltage*4
Vor
2.95
3.3
4.35
V
Saturation output voltage
Vsat
-
-
2
V
Sensitivity ratio*5
SR
0.7
-
1.43
-
Photoresponse nonuniformity*6
PRNU
-
-
±10
%
*3: Monochromatic wavelength source (λ=805 nm)
*4: Output voltage right after reset in dark state
*5: Sensitivity ratio of Vout1 (VTX1=3 V, VTX2=VTX3=0 V) to Vout2 (VTX2=3 V, VTX1=VTX3=0 V)
*6: Photoresponse nonuniformity (PRNU) is the output nonuniformity that occurs when the entire photosensitive area is uniformly
illuminated by light which is 50% of the saturation exposure level. PRNU is measured using 256 pixels excluding 8 pixels each at
both ends, and is defined as follow:
PRNU = ∆X/X × 100 [%]
X: average output of all pixels, ∆X: difference between X and maximum or minimum output


Similar Part No. - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
   64X1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com