Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11961-01CR Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S11961-01CR
Description  Distance linear image sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11961-01CR Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S11961-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Distance linear image sensor
S11961-01CR
Measures the distance to an object by TOF
(Time-Of-Flight) method
1
www.hamamatsu.com
The distance image sensors are designed to measure the distance to an object by TOF method. When used in combination
with a pulse modulated light source, this sensor outputs phase difference information on the timing that the light is emitted
and received. The sensor output signals are arithmetically processed by an external signal processing circuit or a PC to obtain
distance data.
Parameter
Specification
Unit
Image size
5.12 × 0.05
mm
Pixel pitch
20
μm
Pixel height
50
μm
Number of pixels
272
pixels
Number of effective pixels
256
pixels
Package
22-pin PWB
-
Window material
AR-coated glass
-
Note: This product is not hermetically sealed.
Parameter
Symbol
Condition
Value
Unit
Analog supply voltage
Vdd(A)
Ta=25 °C
-0.3 to +6
V
Digital supply voltage
Vdd(D)
Ta=25 °C
-0.3 to +6
V
Analog input terminal
voltage
Pixel amplifier
Vsf
Ta=25 °C
-0.3 to Vdd(A) + 0.3
V
Pixel reset
Vr
Photosensitive area
Vpg
Digital input terminal
voltage
Pixel reset pulse
p_res
Ta=25 °C
-0.3 to Vdd(D) + 0.3
V
Signal sampling pulse
phis
Master clock pulse
mclk
Signal readout trigger pulse
trig
Output signal synchronous pulse
dclk
Charge transfer clock pulse voltage
VTX1, VTX2, VTX3
Ta=25 °C
-0.3 to Vdd(A) + 0.3
V
Operating temperature
Topr
No dew condensation*1
-25 to +85
°C
Storage temperature
Tstg
No dew condensation*1
-40 to +100
°C
Reflow soldering conditions*2
Tsol
260 °C max. 2 times (see P.8)
-
*1: When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
*2: JEDEC level 3
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
High-speed charge transfer structure
Wide dynamic range, low noise by non-destructive readout
Operates with minimal detection errors even under fluctuating
(charge drain function)
Real-time distance measurement
Obstacle detection (self-driving, robots, etc.)
Security (intrusion detection, etc.)
Shape recognition (logistics, robots, etc.)
Motion capture
Features
Applications
Structure
Absolute maximum ratings


Similar Part No. - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
   64X1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com