Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11961-01CR Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S11961-01CR
Description  Distance linear image sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11961-01CR Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S11961-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11961-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Distance linear image sensor
S11961-01CR
Parameter
Symbol
Min.
Typ.
Max.
Unit
Charge transfer clock pulse internal load capacitance
CLTX
-25-
pF
Input terminal capacitance (Ta=25 °C, Vdd=5 V)
Dimensional outline (unit: mm)
Photosensitive area
5.12 × 0.5
Photosensitive surface
9.1
10.6
Hole
ϕ0.2
10.1
P1.27 × 4=5.08
1.27
1
6
12
17
22
18
711
(22 ×) ϕ0.2
Tolerance unless otherwise noted: ±0.2, ±2°
Electrode
(22 ×)
0.4
KMPDA0298EB
Recommended land pattern (unit: mm)
0.4
P1.27 × 4=5.08
10.1
KMPDC0437EB


Similar Part No. - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11961-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
   64X1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com