Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11962-01CR Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S11962-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11962-01CR Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S11962-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Distance area image sensor
S11962-01CR
Measures the distance to an object by TOF
(Time-Of-Flight) method
www.hamamatsu.com
The distance image sensors are designed to measure the distance to an object by TOF method. When used in combination
with a pulse modulated light source, this sensor outputs phase difference information on the timing that the light is emitted
and received. The sensor output signals are arithmetically processed by an external signal processing circuit or a PC to obtain
distance data.
Parameter
Specification
Unit
Image size
2.56 × 2.56
mm
Pixel size
40 × 40
μm
Pixel pitch
40
μm
Number of pixels
72 × 72
pixels
Number of effective pixels
64 × 64
pixels
Package
48-pin PWB
-
Window material
AR-coated glass
-
Note: This product is not hermetically sealed.
1
High-speed charge transfer structure
Operates with minimal detection errors even under fluctuating
(charge drain function)
Real-time distance measurement
Obstacle detection (self-driving, robots, etc.)
Security (intrusion detection, etc.)
Shape recognition (logistics, robots, etc.)
Motion capture
Features
Applications
Structure
Parameter
Symbol
Condition
Value
Unit
Analog supply voltage
Vdd(A)
Ta=25 °C
-0.3 to +6
V
Digital supply voltage
Vdd(D)
Ta=25 °C
-0.3 to +6
V
Analog input terminal
voltage
Pixel amplifier
Vsf
Ta=25 °C
-0.3 to Vdd(A) + 0.3
V
Pixel reset
Vr
Output offset
Vref
Photosensitive area
Vpg
Digital input terminal
voltage
Frame reset pulse
reset
Ta=25 °C
-0.3 to Vdd(D) + 0.3
V
Frame synchronous trigger pulse
vst
Line synchronous trigger pulse
hst
Pixel reset pulse
ext_res
Master clock pulse
mclk
Charge transfer clock pulse voltage
VTX1, VTX2, VTX3
Ta=25 °C
-0.3 to Vdd(A) + 0.3
V
Operating temperature
Topr
No dew condensation*1
-25 to +85
°C
Storage temperature
Tstg
No dew condensation*1
-40 to +100
°C
Reflow soldering conditions*2
Tsol
260 °C max. 2 times (see P.10)
-
*1: When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
*2: JEDEC level 3
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Absolute maximum ratings


Similar Part No. - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com