Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11962-01CR Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S11962-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11962-01CR Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S11962-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Distance area image sensor
S11962-01CR
9
Pin connections
Pin no.
Symbol
I/O
Description
1
GND
I
Ground
2
Vdd(A)
I
Analog supply voltage
3
GND
I
Ground
4
NC
-
No connection
5
dis_read
O
Non-readout period pulse
6
ext_res
I
Pixel reset pulse
7
reset
I
Frame reset pulse
8
vst
I
Frame synchronous trigger pulse
9
oe
O
Output signal effective period pulse
10
hst
I
Line synchronous trigger pulse
11
mclk
I
Master clock pulse
12
GND
I
Ground
13
NC
-
No connection
14
dclk
O
Output signal synchronous pulse
15
GND
I
Ground
16
Vdd(D)
I
Digital supply voltage
17
NC
-
No connection
18
NC
-
No connection
19
NC
-
No connection
20
GND
I
Ground
21
Vdd(D)
I
Digital supply voltage
22
GND
I
Ground
23
Vdd(A)
I
Analog supply voltage
24
NC
-
No connection
25
GND
I
Ground
26
Vout2
O
Output signal 2
27
Vout1
O
Output signal 1
28
Vref
I
Bias voltage (output offset)
29
Vr
I
Bias voltage (pixel reset)
30
Vsf
I
Bias voltage (pixel amplifier)
31
Vpg
I
Bias voltage (photosensitive area)
32
GND
I
Ground
33
Vdd(A)
I
Analog supply voltage
34
NC
-
No connection
35
NC
-
No connection
36
GND
I
Ground
37
NC
-
No connection
38
NC
-
No connection
39
Vdd(A)
I
Analog supply voltage
40
GND
I
Ground
41
VTX3
I
Charge transfer clock pulse 3
42
VTX2
I
Charge transfer clock pulse 2
43
VTX1
I
Charge transfer clock pulse 1
44
Vdd(A)
I
Analog supply voltage
45
GND
I
Ground
46
NC
-
No connection
47
NC
-
No connection
48
NC
-
No connection
Note: Leave the “NC” terminals open and do not connect them to GND.
Connect impedance convering buffer amplifiers to Vout1/Vout2 so as to minimize the current flow.


Similar Part No. - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com