Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11962-01CR Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S11962-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11962-01CR Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button S11962-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Distance area image sensor
S11962-01CR
7
Parameter
Symbol
Min.
Typ.
Max.
Unit
Charge transfer clock pulse interval
tpi(VTX)
60
-
-
ns
Charge transfer clock pulse (VTX1) high period
thp(VTX1)
30
-
-
ns
Charge transfer clock pulse (VTX1) low period
tlp(VTX1)
-
tpi(VTX) -
thp(VTX2) -
thp(VTX3)
-ns
Charge transfer clock pulse (VTX2) high period
thp(VTX2)
30
-
-
ns
Charge transfer clock pulse (VTX2) low period
tlp(VTX2)
-
tpi(VTX) -
thp(VTX1) -
thp(VTX3)
-ns
Charge transfer clock pulse (VTX3) high period
thp(VTX3)
0
-
-
ns
Charge transfer clock pulse (VTX3) low period
tlp(VTX3)
-
tpi(VTX) -
thp(VTX1) -
thp(VTX2)
-ns
Charge transfer clock pulse voltage rise time
tr(VTX)
-
3
-
ns
Charge transfer clock pulse voltage fall time
tf(VTX)
-
3
-
ns
Charge transfer clock pulse voltage
High level
VTX1, VTX2, VTX3
-3-
V
Low level
-0-
Time from falling edge of pixel reset pulse to
“VTX enable period=on”
t16
0
--
s
Time from “VTX enable period=off” to falling edge of
frame reset pulse
t17
0
--
s
Time from rising edge of line synchronous trigger pulse
(last pulse) to rising edge of pixel reset pulse
t18
0
--
s
Pixel reset pulse high period
t19
10
--
μs
Time from rising edge of line synchronous trigger pulse
to rising edge of non-readout period pulse*7
td(dis_read)
-
25
50
ns
Non-readout period pulse rise time (10 to 90%)*7
tr(dis_read)
-
20
40
ns
Non-readout period pulse fall time (10 to 90%)*7
tf(dis_read)
-
20
40
ns
Input terminal capacitance (Ta=25 °C, Vdd=5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Charge transfer clock pulse internal load capacitance
CLTX
-
100
-
pF


Similar Part No. - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com