Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11962-01CR Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S11962-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11962-01CR Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S11962-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11962-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Distance area image sensor
S11962-01CR
Spectral response
3
Horizontal shift register
Buffer
amplifier
Timing
generator
CDS circuit
Photodiode array
72 × 72 pixels
(number of effective pixels:
64 × 64 pixels)
reset
vst
hst
ext_res
mclk
dclk
oe
dis_read
Vout1
Vref
Vr
Vsf
Vpg
VTX3
VTX2
VTX1
Vout2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
Vdd(A)
Vdd(A)
Vdd(A)
Vdd(A)
Vdd(A)
Vdd(D)
Vdd(D)
2
1
45
44
40
39
33
36
32
31
30
29
28
27
26
23
25
22
21
20
3
5
6
7
8
15
GND
12
16
11
9
10
43
42
41
14
KMPDC0438EC
200 300 400 500 600 700 800 900 1000 1100 1200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
(Typ. Ta=25 °C)
Wavelength (nm)
KMPDB0375EB
Block diagram
Basic connection example
Buffer amplifier
Buffer amplifier
Vout 2
Vout 1
KMPDC0486EA


Similar Part No. - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
More results

Similar Description - S11962-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11963-01CR HAMAMATSU-S11963-01CR_15 Datasheet
264Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com