Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11963-01CR Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S11963-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11963-01CR Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S11963-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Distance area image sensor
S11963-01CR
2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Analog supply voltage
Vdd(A)
4.75
5
5.25
V
Digital supply voltage
Vdd(D)
4.75
5
5.25
V
Bias voltage
Pixel reset
Vr
3.7
3.9
4.1
V
Output offset
Vref
2.3
2.5
2.7
V
Column gain amplifier
Vref2
2.5
2.7
2.9
V
Photosensitive
area
Vpg
0.8
1.0
1.2
V
Frame reset pulse voltage
High level
reset
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Frame synchronous trigger pulse
voltage
High level
vst
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Line synchronous trigger pulse
voltage
High level
hst
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Master clock pulse voltage
High level
mclk
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Pixel reset pulse voltage
High level
ext_res
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Output signal effective period
pulse voltage
High level
oe
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Output signal synchronous pulse
voltage
High level
dclk
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Non-readout period pulse voltage
High level
dis_read
Vdd(D) × 0.8
-
-
V
Low level
-
-
Vdd(D) × 0.2
Gain selection terminal voltage
High level
sel0, sel1, sel2
Vdd(D) × 0.8
--
V
Low level
--
Vdd(D) × 0.2
Recommended terminal voltage (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock pulse frequency
f(mclk)
1 M
-
10 M
Hz
Video data rate
VR
-
f(mclk)
-
Hz
Current consumption
Ic
Dark state
-
15
30
mA
Electrical and optical characteristics
[Ta=25 °C, Vdd(A)=Vdd(D)=5 V, Vref2=2.7 V, Vref=2.5 V, Vr=3.9 V, MCLK=10 MHz, Gain: 1 time]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Spectral response range
λ
400 to 1100
nm
Peak sensitivity wavelength
λp-
800
-nm
Photosensitivity*3
S
3.0 × 1012
6.0 × 1012
1.2 × 1013
V/W·s
Dark output
Vd
-
1
10
V/s
Random noise
RN
-
0.5
1
mV rms
Dark output voltage*4
Vor
2.6
-
4.3
V
Saturation output voltage
Vsat
1.3
-
2.7
V
Sensitivity ratio*5
SR
0.7
-
1.43
-
Photoresponse nonuniformity*6
PRNU
-
-
±10
%
*3: Monochromatic wavelength source (λ=805 nm)
*4: Output voltage right after reset in dark state
*5: Sensitivity ratio of Vout1 (VTX1=3 V, VTX2=VTX3=0 V) and Vout2 (VTX2=3 V, VTX1=VTX3=0 V)
*6: Photoresponse nonuniformity (PRNU) is the output nonuniformity that occurs when the entire photosensitive area is uniformly
illuminated by white light which is approx. 50% of the saturation level. PRNU is measured using the pixels excluding the pixels of
the 4 outermost lines and defective pixels, and is defined as follows:
PRNU= ΔX/X × 100 (%)
X: average output of all pixels, ΔX: standard deviation of pixel output
Electrical characteristics [Ta=25 °C, Vdd(A)=Vdd(D)=5 V]


Similar Part No. - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
More results

Similar Description - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com