Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11963-01CR Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # S11963-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11963-01CR Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button S11963-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Cat. No. KMPD1142E06 Jun. 2015 DN
Distance area image sensor
S11963-01CR
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Torshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.r.l.: Strada della Moia, 1 int. 6, 20020 Arese (Milano), Italy, Telephone: (39) 02-93581733, Fax: (39) 02-93581741
China: Hamamatsu Photonics (China) Co., Ltd.: B1201, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of June, 2015.
10
Measured example of temperature profile with hot-air reflow oven for product testing
KMPDB0381EA
Time
Preheat
60 to 120 s
Soldering
40 s max.
300 °C
230 °C
190 °C
170 °C
260 °C max.
Preheat
60 to 120 s
Soldering
40 s max.
∙ This product supports lead-free soldering. After unpacking, store it in an environment at a temperature of 30 °C or less and a
humidity of 60% or less, and perform soldering within 168 hours.
∙ The effect that the product receives during reflow soldering varies depending on the circuit board and reflow oven that are used.
Before actual reflow soldering, check for any problems by testing out the reflow soldering methods in advance.
Related information
∙ Disclaimer
∙ Surface mount type products
∙ Image sensors
Precautions
www.hamamatsu.com/sp/ssd/doc_en.html


Similar Part No. - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
More results

Similar Description - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com