Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11963-01CR Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S11963-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11963-01CR Datasheet(HTML) 6 Page - Hamamatsu Corporation

Back Button S11963-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Distance area image sensor
S11963-01CR
6
Parameter
Symbol
Min.
Typ.
Max.
Unit
Master clock pulse duty ratio
-
45
50
55
%
Master clock pulse rise and fall times
tr(mclk), tf(mclk)
0
-
20
ns
Frame reset pulse rise and fall times
tr(reset), tf(reset)
0
-
20
ns
Frame synchronous trigger pulse rise and fall times
tr(vst), tf(vst)
0
-
20
ns
Line synchronous trigger pulse rise and fall times
tr(hst), tf(hst)
0
-
20
ns
Pixel reset pulse high period
thp(ext_res)
10
-
-
μs
Pixel reset pulse rise and fall times
tr(ext_res), tf(ext_res)
0
-
20
ns
Time from falling edge of master clock pulse to rising
edge of pixel reset pulse
t1
1/4 × 1/f(mclk)
-
-
s
Time from rising edge of pixel reset pulse to falling edge
of frame reset pulse
t2
0
--
s
Time from falling edge of pixel reset pulse to falling
edge of master clock pulse
t3
1/4 × 1/f(mclk)
-
-
s
Time from falling edge of master clock pulse to rising
edge of frame reset pulse
t4
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from rising edge of frame reset pulse to falling
edge of master clock pulse
t5
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of master clock pulse to falling
edge of frame reset pulse
t6
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of frame reset pulse to falling
edge of master clock pulse
t7
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of master clock pulse to rising
edge of frame synchronous trigger pulse
t8
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from rising edge of frame synchronous trigger
pulse to falling edge of master clock pulse
t9
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of master clock pulse to falling
edge of frame synchronous trigger pulse
t10
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of frame synchronous trigger
pulse to falling edge of master clock pulse
t11
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from rising edge of master clock pulse to rising
edge of line synchronous trigger pulse
t12
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from rising edge of line synchronous trigger pulse
to rising edge of master clock pulse
t13
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from rising edge of master clock pulse to falling
edge of line synchronous trigger pulse
t14
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Time from falling edge of line synchronous trigger
pulse to rising edge of master clock pulse
t15
1/4 × 1/f(mclk)
-
1/2 × 1/f(mclk)
s
Reset level readout time
t16
{208/f(mclk) + t20} ×
128 + thp(ext_res) + t3
--
s
Integration time
t17
-
10
-
ms
Integration signal readout time
t18
{208/f(mclk) + t20} ×
128 + {1/2 × 1/f(mclk)}
--
s
Time from falling edge of line synchronous pulse (last
pulse) to “VTX enable period=on”
t19
0
s
Time from “VTX enable period=off” to falling edge of
frame reset pulse
t20
0
s
Time from rising edge of master clock pulse (after reading from
all pixels) to rising edge of master clock pulse (hst: High period)
t21
10/f(mclk)
s
Time from falling edge of master clock pulse to rising
edge of output signal synchronous pulse*7
td(dclk)
0
25
50
ns
Rise time of output signal synchronous pulse output
voltage (10 to 90%)*7
tf(dclk)
-
20
40
ns
Fall time of output signal synchronous pulse output
voltage (10 to 90%)*7
tf(dclk)
-
20
40
ns


Similar Part No. - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
Distance linear image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
Distance area image sensor
More results

Similar Description - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com