Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11963-01CR Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S11963-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11963-01CR Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S11963-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Distance area image sensor
S11963-01CR
3
Column gain amplifier circuit
Horizontal shift register
Buffer
amplifier
Timing
generator
Photodiode array
168 × 128 pixels
(number of effective pixels:
160 × 120 pixels)
reset
vst
hst
ext_res
dis_read
mclk
dclk
oe
Vout1
Vr
Vref
Vpg
Vdd(A)
Vref2
sel0
VTX3
VTX2
VTX1
Vout2
GND
GND
GND
GND
GND
GND
GND
sel1
GND
GND
GND
CLTX
CLTX
CLTX
Vdd(A)
Vdd_tx
Vdd_tx
sel2
Vdd(A)
Vdd(D)
Vdd(D)
2
1
44
37
38
40 39
36
34
35
33
32
31
30
29
28
27
26
25
24
23
21
22
20
3
5
4
6
7
13
12
19
GND
18
GND
17
GND
16
10
8
9
43
42
41
11
nbias pbias
KMPDC0443EC
Spectral response
200 300 400 500 600 700 800 900 1000 1100 1200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
(Typ. Ta=25 °C)
Wavelength (nm)
KMPDB0375EB
Block diagram
Basic connection example
Buffer amplifier
Buffer amplifier
Vout 2
Vout 1
KMPDC0486EA


Similar Part No. - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
Distance linear image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
Distance area image sensor
More results

Similar Description - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com