Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS61220_15 Datasheet HTML 11Page - Texas Instruments TPS61220_15 Datasheet HTML 12Page - Texas Instruments TPS61220_15 Datasheet HTML 13Page - Texas Instruments TPS61220_15 Datasheet HTML 14Page - Texas Instruments TPS61220_15 Datasheet HTML 15Page - Texas Instruments TPS61220_15 Datasheet HTML 16Page - Texas Instruments TPS61220_15 Datasheet HTML 17Page - Texas Instruments TPS61220_15 Datasheet HTML 18Page - Texas Instruments TPS61220_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
L
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS6122x
VOUT
R
1
R
2
V
IN
C
1
0
20
40
60
80
100
0.7
1.7
2.7
3.7
4.7
V - Input Voltage - V
I
I
= 50 mA
O
I
= 100
A
O
m
I
= 10 mA
O
I
= 1 mA
O
TPS61220, TPS61221, TPS61222
www.ti.com
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
The TPS6122x is not sensitive to the ESR in terms of stability. However, low ESR capacitors, such as ceramic
capacitors, are recommended anyway to minimize output voltage ripple. If heavy load changes are expected,
increase the output capacitor value to avoid output voltage drops during fast load transients.
11.2.1.3 Application Curves
Figure 27 shows the excellent efficiency of the converter, which remains above 80% even with heavily
discharged cells.
Figure 27. TPS61222 Performance
11.2.2 Specific Application, Variable Output Voltage Supply
Figure 28. Application Circuit For Adjustable Output Voltage Option
11.2.2.1 Design Requirements
Single 4.2 V output at up to 50 mA
Power source, two AA alkaline cells
Greater than 80% conversion efficiency
11.2.2.2 Detailed Design Procedure
The design procedure for this application is identical to that for the fixed-output supply except for programming
the output voltage.
11.2.2.2.1
Device Selection
This application example uses the TPS61220 so that the output voltage can be set at 4.2 V.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com