Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61220_15 Datasheet HTML 1Page - Texas Instruments TPS61220_15 Datasheet HTML 2Page - Texas Instruments TPS61220_15 Datasheet HTML 3Page - Texas Instruments TPS61220_15 Datasheet HTML 4Page - Texas Instruments TPS61220_15 Datasheet HTML 5Page - Texas Instruments TPS61220_15 Datasheet HTML 6Page - Texas Instruments TPS61220_15 Datasheet HTML 7Page - Texas Instruments TPS61220_15 Datasheet HTML 8Page - Texas Instruments TPS61220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
11.1
Application Information.......................................... 13
1
Features .................................................................. 1
11.2
Typical Applications .............................................. 13
2
Applications ........................................................... 1
12
Power Supply Recommendations ..................... 17
3
Description ............................................................. 1
12.1
Typical Power Sources ......................................... 17
4
Simplified Schematic............................................. 1
12.2
Input Voltage Effects On Output Current and
5
Revision History..................................................... 2
Efficiency.................................................................. 17
6
Device Comparison ............................................... 3
12.3
Behavior While Disabled ....................................... 17
7
Pin Configuration and Functions ......................... 3
12.4
Startup................................................................... 17
8
Specifications......................................................... 3
13
Layout................................................................... 18
8.1
Absolute Maximum Ratings ...................................... 3
13.1
Layout Guidelines ................................................. 18
8.2
Handling Ratings....................................................... 3
13.2
Layout Example .................................................... 18
8.3
Recommended Operating Conditions ....................... 4
13.3
Thermal Considerations ........................................ 18
8.4
Thermal Information .................................................. 4
14
Device and Documentation Support ................. 19
8.5
Electrical Characteristics........................................... 4
14.1
Device Support...................................................... 19
8.6
Typical Characteristics .............................................. 5
14.2
Documentation Support ........................................ 19
9
Parameter Measurement Information ................ 10
14.3
Related Links ........................................................ 19
10
Detailed Description ........................................... 11
14.4
Trademarks ........................................................... 19
10.1
Overview ............................................................... 11
14.5
Electrostatic Discharge Caution ............................ 19
10.2
Functional Block Diagrams ................................... 11
14.6
Glossary ................................................................ 19
10.3
Feature Description............................................... 11
15
Mechanical, Packaging, and Orderable
10.4
Device Functional Modes...................................... 12
Information ........................................................... 20
11
Applications and Implementation...................... 13
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2014) to Revision B
Page
Changed format of Handling Ratings table. .......................................................................................................................... 3
Added new note to Application and Implementation section................................................................................................ 13
Renamed "Thermal Information" section to "Thermal Considerations" section. ................................................................. 18
Changes from Original (August 2009) to Revision A
Page
Updated data sheet format ..................................................................................................................................................... 1
Changed the data sheet title From: LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
To: TPS6122x LOW INPUT VOLTAGE, 0.7V BOOST CONVERTER WITH 5.5
μA QUIESCENT CURRENT ..................... 1
Changed Feature bullet and Simplified Schematic text from "....1.8 V to 5.5 V" to "....1.8 V to 6 V"..................................... 1
Deleted "machine model" ESD rating because JEDEC discontinued its use in 2012. ......................................................... 3
Changed Overvoltage protect threshold min and VOUT max levels from 5.5V to 6V.............................................................. 4
Changed Adjustable output voltage version description text string from "....voltage is 5.5 V" to "....voltage is 6.0 V" ........ 16
Changed Layout diagram to correct typo in resistor numbers. ............................................................................................ 18
2
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com