Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61220_15 Datasheet HTML 12Page - Texas Instruments TPS61220_15 Datasheet HTML 13Page - Texas Instruments TPS61220_15 Datasheet HTML 14Page - Texas Instruments TPS61220_15 Datasheet HTML 15Page - Texas Instruments TPS61220_15 Datasheet HTML 16Page - Texas Instruments TPS61220_15 Datasheet HTML 17Page - Texas Instruments TPS61220_15 Datasheet HTML 18Page - Texas Instruments TPS61220_15 Datasheet HTML 19Page - Texas Instruments TPS61220_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
0
20
40
60
80
100
0.7
1.7
2.7
3.7
4.7
V - Input Voltage - V
I
I
= 50 mA
O
I
= 100
A
O
m
I
= 10 mA
O
I
= 1 mA
O
æ
ö
ç
÷
è
ø
OUT
FB
V
R
= R
x
- 1
1
2
V
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
11.2.2.2.2
Programming The Output Voltage
In the adjustable output versions, an external resistor divider is used to adjust the output voltage. The resistor
divider must be connected between VOUT, FB and GND as shown in Figure 28. When the output voltage is
regulated properly, the typical voltage value at the FB pin is 500 mV for the adjustable devices. The maximum
recommended value for the output voltage is 6.0 V. The current through the resistor divider should be about 100
times greater than the current into the FB pin. The typical current into the FB pin is 0.01
μA, and the voltage
across the resistor between FB and GND, R2, is typically 500 mV. Based on those two values, the recommended
value for R2 should be lower than 500 kΩ, in order to set the divider current to 1 μA or higher. The value of the
resistor connected between VOUT and FB, R1, depending on the needed output voltage (VOUT), can be
calculated using Equation 5:
(5)
For this example, if an output voltage of 4.2 V is needed, a 1.2-M
Ω resistor is calculated for R1 when 160 kΩ is
selected for R2. This would yield an output voltage of 4.25 V, neglecting resistor tolerances.
11.2.2.2.3
Inductor Selection
See Inductor Selection for a discussion on inductor choice.
11.2.2.2.4
Capacitor Selection
The procedure for selecting capacitors is the same as for the fixed output voltage circuit. See Capacitor
Selection.
11.2.2.3 Application Curves
Figure 29 shows the excellent efficiency of the converter, which remains above 80% with heavily discharged
cells.
Figure 29. TPS61220 Performance
16
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com