Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61220_15 Datasheet HTML 10Page - Texas Instruments TPS61220_15 Datasheet HTML 11Page - Texas Instruments TPS61220_15 Datasheet HTML 12Page - Texas Instruments TPS61220_15 Datasheet HTML 13Page - Texas Instruments TPS61220_15 Datasheet HTML 14Page - Texas Instruments TPS61220_15 Datasheet HTML 15Page - Texas Instruments TPS61220_15 Datasheet HTML 16Page - Texas Instruments TPS61220_15 Datasheet HTML 17Page - Texas Instruments TPS61220_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
³
´
2
L
C
2
´
>
´
OUT
OUT
IN
V
I
0.8
100 mA
V
´
ì
ï
´
í
ï
î
OUT
OUT
IN
L,MAX
V
I
+ 100 mA;
continous current operation
0.8 V
I
=
200 mA;
discontinuous current operation
´
´
´
IN
OUT
IN
OUT
V
(V
- V )
1
L =
f 200 mA
V
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
Typical Applications (continued)
(1)
Choosing inductor values higher than 4.7
μH can improve efficiency due to reduced switching frequency and
therefore with reduced switching losses. Using inductor values below 2.2
μH is not recommended.
Having selected an inductance value, the peak current for the inductor in steady-state operation can be
calculated. Equation 2 gives the peak-current estimate.
(2)
Equation 2 provides a suitable inductor current rating. However, remember that load transients and error
conditions may cause higher inductor currents.
Equation 3 provides an easy way to estimate whether the device will work in continuous or discontinuous
operation depending on the operating points. As long as the Equation 3 is true, continuous operation is typically
established. If Equation 3 becomes false, discontinous operation is typically established.
(3)
The following inductor series from different suppliers have been used with TPS6122x converters:
Table 2. List Of Inductors
VENDOR
INDUCTOR SERIES
EPL3015
Coilcraft
EPL2010
Murata
LQH3NP
Tajo Yuden
NR3015
Wurth Elektronik
WE-TPC Typ S
11.2.1.2.4
Capacitor Selection
11.2.1.2.4.1
Input Capacitor
An input capacitor value of at least 10
μF is recommended to improve transient behavior of the regulator and
EMI behavior of the total power supply circuit. A ceramic capacitor placed as close as possible to the VIN and
GND pins of the IC is recommended.
11.2.1.2.4.2
Output Capacitor
For the output capacitor C2, small ceramic capacitors are recommended, placed as close as possible to the
VOUT and GND pins of the IC. If, for any reason, the application requires the use of large capacitors which
cannot be placed close to the IC, the use of a small ceramic capacitor with a capacitance value of around 2.2
μF
in parallel to the large one is recommended. This small capacitor should be placed as close as possible to the
VOUT and GND pins of the IC.
A minimum capacitance value of 4.7
μF should be used, 10 μF is recommended. If the inductor value exceeds
4.7
μH, the value of the output capacitance value needs to be half the inductance value or higher for stability
reasons, see Equation 4.
(4)
14
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com