Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61220_15 Datasheet HTML 8Page - Texas Instruments TPS61220_15 Datasheet HTML 9Page - Texas Instruments TPS61220_15 Datasheet HTML 10Page - Texas Instruments TPS61220_15 Datasheet HTML 11Page - Texas Instruments TPS61220_15 Datasheet HTML 12Page - Texas Instruments TPS61220_15 Datasheet HTML 13Page - Texas Instruments TPS61220_15 Datasheet HTML 14Page - Texas Instruments TPS61220_15 Datasheet HTML 15Page - Texas Instruments TPS61220_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
10.3.2 Device Enable And Shutdown Mode
The device is enabled when EN is driven high, and shut down when EN is low. During shutdown, the converter
stops switching and all internal control circuitry is turned off. During shutdown, the input voltage is connected to
the output through the back-gate diode of the rectifying MOSFET. This means that voltage is always present at
the output, which can be as high as the input voltage or lower depending on the load.
10.3.3 Startup
After the EN pin is tied high, the device begins to operate. If the input voltage is not high enough to supply the
control circuit properly, a startup oscillator operates the switches. During this phase, the switching frequency is
controlled by the oscillator, and the maximum switch current is limited. When the device has built up the output
voltage to approximately 1.8V, high enough to supply the control circuit, the device switches to its normal
hysteretic current mode operation. The startup time depends on input voltage and load current.
10.3.4 Operation At Output Overload
If, in normal boost operation, the inductor current reaches the internal switch current limit threshold, the main
switch is turned off to stop further increase of the input current. In this case the output voltage will decrease
because the device cannot provide sufficient power to maintain the set output voltage.
If the output voltage drops below the input voltage, the backgate diode of the rectifying switch becomes forward
biased, and current starts to flow through it. This diode cannot be turned off, so the current finally is only limited
by the remaining DC resistances. As soon as the overload condition is removed, the converter resumes providing
the set output voltage.
10.3.5 Undervoltage Lockout
An undervoltage lockout function stops the operation of the converter if the input voltage drops below the typical
undervoltage lockout threshold. This function is implemented in order to prevent converter malfunction.
10.3.6 Overvoltage Protection
If, for any reason, the output voltage is not fed back properly to the input of the voltage amplifier, control of the
output voltage is lost. Therefore an overvoltage protection is implemented to avoid the output voltage exceeding
critical values for the device and possibly for the system it is supplying. For this protection, the TPS6122x output
voltage is also monitored internally. If it reaches the internally programmed threshold of 6.5 V, typically the
voltage amplifier regulates (limits) the output voltage to this value.
If the TPS6122x is used to drive LEDs, this feature protects the circuit if the LED fails.
10.3.7 Overtemperature Protection
The device has a built-in temperature sensor which monitors the internal IC junction temperature. If the
temperature exceeds the programmed threshold (see electrical characteristics table), the device stops operating.
As soon as the IC temperature has decreased below the programmed threshold, it starts operating again. To
prevent unstable operation close to the region of overtemperature threshold, a built-in hysteresis is implemented.
10.4 Device Functional Modes
Enabled or disabled
Continuous or discontinuous current operation
Protective mechanisms
Output Overload
Undervoltage
Overvoltage
Overtemperature
12
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com