Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61220_15 Datasheet HTML 6Page - Texas Instruments TPS61220_15 Datasheet HTML 7Page - Texas Instruments TPS61220_15 Datasheet HTML 8Page - Texas Instruments TPS61220_15 Datasheet HTML 9Page - Texas Instruments TPS61220_15 Datasheet HTML 10Page - Texas Instruments TPS61220_15 Datasheet HTML 11Page - Texas Instruments TPS61220_15 Datasheet HTML 12Page - Texas Instruments TPS61220_15 Datasheet HTML 13Page - Texas Instruments TPS61220_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
L
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS6122x
VOUT
R
1
R
2
V
IN
C
1
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
9 Parameter Measurement Information
Table 1. List Of Components:
COMPONENT
PART NUMBER
MANUFACTURER
VALUE
REFERENCE
C1
GRM188R60J106ME84D
Murata
10
μF, 6.3V. X5R Ceramic
C2
GRM188R60J106ME84D
Murata
10
μF, 6.3V. X5R Ceramic
L1
EPL3015-472MLB
Coilcraft
4.7
μH
adjustable version: Values depending on the
programmed output voltage
R1, R2
fixed version: R1= 0 Ω, R2 not used
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com