Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61220 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61220
Description  TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61220 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61220_15 Datasheet HTML 1Page - Texas Instruments TPS61220_15 Datasheet HTML 2Page - Texas Instruments TPS61220_15 Datasheet HTML 3Page - Texas Instruments TPS61220_15 Datasheet HTML 4Page - Texas Instruments TPS61220_15 Datasheet HTML 5Page - Texas Instruments TPS61220_15 Datasheet HTML 6Page - Texas Instruments TPS61220_15 Datasheet HTML 7Page - Texas Instruments TPS61220_15 Datasheet HTML 8Page - Texas Instruments TPS61220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
0.01
0.1
1
10
100
2.8
2.3
1.8
1.3
0.8
OUT
I
- Output Current - mA
90%
80%
70%
OUT
(V
= 3.3V)
Efficiency vs Output Current and Input Voltage
L
C
1
10 µF
L
1
4.7 µH
VIN
VOUT
FB
C
2
10µF
EN
GND
TPS61220
VOUT
1.8 V to 6 V
R
1
R
2
0.7 V to VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS61220, TPS61221, TPS61222
SLVS776B – JANUARY 2009 – REVISED NOVEMBER 2014
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5
μA Quiescent Current
1 Features
3 Description
The TPS6122x family devices provide a power-supply
1
Up to 95% Efficiency at Typical Operating
solution for products powered by either a single-cell,
Conditions
two-cell, or three-cell alkaline, NiCd or NiMH, or one-
5.5
μA Quiescent Current
cell Li-Ion or Li-polymer battery. Possible output
Startup Into Load at 0.7 V Input Voltage
currents depend on the input-to-output voltage ratio.
The boost converter is based on a hysteretic
Operating Input Voltage from 0.7 V to 5.5 V
controller topology using synchronous rectification to
Pass-Through Function during Shutdown
obtain maximum efficiency at minimal quiescent
Minimum Switching Current 200 mA
currents. The output voltage of the adjustable version
can be programmed by an external resistor divider, or
Protections:
is set internally to a fixed output voltage. The
Output Overvoltage
converter can be switched off by a featured enable
Overtemperature
pin. While being switched off, battery drain is
minimized. The device is offered in a 6-pin SC-70
Input Undervoltage Lockout
package (DCK) measuring 2 mm x 2 mm to enable
Adjustable Output Voltage from 1.8 V to 6 V
small circuit layout size.
Fixed Output Voltage Versions
Small 6-pin SC-70 Package
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
TPS61220
Battery Powered Applications
TPS61221
SC-70 (6)
2.00mm x 1.25mm
TPS61222
1 to 3 Cell Alkaline, NiCd or NiMH
1 cell Li-Ion or Li-Primary
(1) For all available packages, see the orderable addendum at
the end of this document.
Solar or Fuel Cell Powered Applications
Consumer and Portable Medical Products
Personal Care Products
White or Status LEDs
Smartphones
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
More results

Similar Description - TPS61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com