Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4831 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4831
Description  Electronic Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4831 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4831 Datasheet HTML 3Page - Micro Linear Corporation ML4831 Datasheet HTML 4Page - Micro Linear Corporation ML4831 Datasheet HTML 5Page - Micro Linear Corporation ML4831 Datasheet HTML 6Page - Micro Linear Corporation ML4831 Datasheet HTML 7Page - Micro Linear Corporation ML4831 Datasheet HTML 8Page - Micro Linear Corporation ML4831 Datasheet HTML 9Page - Micro Linear Corporation ML4831 Datasheet HTML 10Page - Micro Linear Corporation ML4831 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ML4831
7
Figure 3 shows the output configuration for the
operational transconductance amplifiers.
CURRENT
MIRROR
IN
OUT
CURRENT
MIRROR
IN
OUT
gmVIN
io = gmVIN
IQ +
2
gmVIN
IQ –
2
Figure 3. Output Configuration
A DC path to ground or VCC at the output of the
transconductance amplifiers will introduce an offset error.
The magnitude of the offset voltage that will appear at the
input is given by VOS = io/gm. For a io of 1uA and a gm
of 0.08
µmhos the input referred offset will be 12.5mV.
Capacitor C1 as shown in Figure 2 is used to block the
DC current to minimize the adverse effect of offsets.
Slew rate enhancement is incorporated into all of the
operational transconductance amplifiers in the ML4831.
This improves the recovery of the circuit in response to
power up and transient conditions. The response to large
signals will be somewhat non-linear as the
transconductance amplifiers change from their low to high
transconductance mode. This is illustrated in Figure 4.
VIN Differential
Linear Slope Region
0
iO
Figure 4. Transconductance Amplifier Characteristics
BALLAST OUTPUT SECTION
The IC controls output power to the lamps via frequency
modulation with non-overlapping conduction. This means
that both ballast output drivers will be low during the
discharging time tDIS of the oscillator capacitor CT.
OSCILLATOR
The VCO frequency ranges are controlled by the output of
the LFB amplifier (Pin 6). As lamp current decreases, Pin 6
rises in voltage, causing the C(T) charging current to
decrease, thereby causing the oscillator frequency to
decrease. Since the ballast output network attenuates high
frequencies, the power to the lamp will be increased.
17
+
1.25/3.75
8
C(T)
VREF
ICHG
VREF
CONTROL
R(T)/C(T)
R(T)
5 mA
CLOCK
C(T)
VTH = 3.75V
VTL = 1.25V
tDIS
tCHG
Figure 5. Oscillator Block Diagram and Timing
The oscillator frequency is determined by the following
equations:
F
tt
OSC
CHG
DIS
=
+
1
(3)
and
tR C In
VI
R
V
VI
R
V
CHG
T T
REF
CH
T
TL
REF
CH
T
TH
=
+−
+−


(4)


Similar Part No. - ML4831

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4831

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com