Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4831 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4831
Description  Electronic Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4831 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4831 Datasheet HTML 1Page - Micro Linear Corporation ML4831 Datasheet HTML 2Page - Micro Linear Corporation ML4831 Datasheet HTML 3Page - Micro Linear Corporation ML4831 Datasheet HTML 4Page - Micro Linear Corporation ML4831 Datasheet HTML 5Page - Micro Linear Corporation ML4831 Datasheet HTML 6Page - Micro Linear Corporation ML4831 Datasheet HTML 7Page - Micro Linear Corporation ML4831 Datasheet HTML 8Page - Micro Linear Corporation ML4831 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ML4831
5
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVP Comparator (Pin 18)
OVP Threshold
2.6
2.7
2.8
V
Hysteresis
0.25
V
Propagation Delay
500
ns
Outputs
Output Voltage Low
IOUT = 20mA
0.4
0.8
V
IOUT = 200mA
2.1
3.0
V
Output Voltage High
IOUT = –20mA
VCC – 2.5 VCC – 1.9
V
IOUT = –200mA
VCC – 3.0 VCC – 2.2
V
Output Voltage Low in UVLO
IOUT = 10mA, VCC = 8V
0.8
1.5
V
Output Rise/Fall Time
CL = 1000pF
50
ns
Under-Voltage Lockout and Bias Circuits
IC Shunt Voltage (VCCZ)ICC = 25mA
12.8
13.5
14.2
V
VCCZ Load Regulation
25mA < ICC < 68mA
150
300
mV
VCCZ Total Variation
Load, Temp
12.4
14.6
V
Start-up Current
VCC ≤ 12.3V
1.3
1.7
mA
Operating Current
VCC = VCCZ – 0.5V
15
19
mA
Start-up Threshold
VCCZ – 0.5
V
Shutdown Threshold
VCCZ – 3.5
V
Shutdown Temperature (TJ)
120
°C
Hysteresis (TJ)
30
°C
FUNCTIONAL DESCRIPTION
OVERVIEW
The ML4831 consists of an Average Current controlled
continuous boost Power Factor front end section with a
flexible ballast control section. Start-up and lamp-out retry
timing are controlled by the selection of external timing
components, allowing for control of a wide variety of
different lamp types. The ballast section controls the lamp
power using frequency modulation (FM) with additional
programmability provided to adjust the VCO frequency
range. This allows for the IC to be used with a variety of
different output networks.
POWER FACTOR SECTION
The ML4831 Power Factor section is an average current
sensing boost mode PFC control circuit which is
architecturally similar to that found in the ML4821. For
detailed information on this control architecture, please
refer to Application Note 16 and the ML4821 data sheet.
GAIN MODULATOR
The ML4831 gain modulator provides high immunity to
the disturbances caused by high power switching. The
rectified line input sine wave is converted to a current via
a dropping resistor. In this way, small amounts of ground
noise produce an insignificant effect on the reference to
the PWM comparator.
The output of the gain modulator appears on the positive
terminal of the IA amplifier to form the reference for the
current error amplifier. Please refer to Figure 1.
V
I SINE
VEA
V
mA
MUL
×−
[]
() (
.
)
.
11
417
(1)
where: I(SINE) is the current in the dropping resistor,
V(EA) is the output of the error amplifier (Pin 1).
The output of the gain modulator is limited to 1.0V.


Similar Part No. - ML4831

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4831

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
   Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
   Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
   Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com