Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4831 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4831
Description  Electronic Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4831 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4831 Datasheet HTML 1Page - Micro Linear Corporation ML4831 Datasheet HTML 2Page - Micro Linear Corporation ML4831 Datasheet HTML 3Page - Micro Linear Corporation ML4831 Datasheet HTML 4Page - Micro Linear Corporation ML4831 Datasheet HTML 5Page - Micro Linear Corporation ML4831 Datasheet HTML 6Page - Micro Linear Corporation ML4831 Datasheet HTML 7Page - Micro Linear Corporation ML4831 Datasheet HTML 8Page - Micro Linear Corporation ML4831 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ML4831
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
Initial accuracy
TA = 25°C
727680
kHz
Voltage stability
VCCZ – 3V < VCC <VCCZ – 0.5V
1
%
Temperature stability
2%
Total Variation
Line, temperature
69
83
kHz
Ramp Valley to Peak
2.5
V
C(T) Charging Current (FM Modes)
VPIN5 = 3V, VPIN8 = 2.5V,
VPIN10 = 0.9V (Preheat)
–78
µA
VPIN5 = 3V, VPIN8 = 2.5V,
VPIN10 = Open
–156
µA
C(T) Discharge Current
VPIN8 = 2.5V
5
mA
Output Drive Deadtime
0.75
µs
Reference Section
Output Voltage
TA = 25°C, IO = 1mA
7.4
7.5
7.6
V
Line regulation
VCCZ – 3V < VCC < VCCZ – 0.5V
2
10
mV
Load regulation
1mA < IO < 20mA
2
15
mV
Temperature stability
0.4
%
Total Variation
Line, load, temp
7.35
7.65
V
Output Noise Voltage
10Hz to 10KHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs
5
mV
Short Circuit Current
VCC < VCCZ – 0.5V, VREF = 0V
–40
mA
Preheat and Interrupt Timer (Pin 10) (R(X) = 590K
Ω, C(X) = 5.6µF)
Initial Preheat Period
0.8
s
Subsequent Preheat Period
0.7
s
Start Period
2.1
s
Interrupt Period
6.3
s
Pin 10 Charging Current
–19
µA
Pin 10 Open Circuit Voltage
VCC = 12.3V in UVLO
0.4
0.9
1.1
V
Pin 10 Maximum Voltage
7.0
7.3
7.7
V
Input Bias Current
VPIN10 = 1.2V
–0.2
µA
Preheat Lower Threshold
1.18
V
Preheat Upper Threshold
3.36
V
Interrupt Recovery Threshold
1.18
V
Start Period End Threshold
6.7
V
Interrupt Input (Pin 9)
Interrupt Threshold
7.35
7.5
7.65
V
Input Bias Current
–0.3
–1
µA


Similar Part No. - ML4831

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4831

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com