Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4830 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4830
Description  Electronic Ballast Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4830 Datasheet HTML 3Page - Micro Linear Corporation ML4830 Datasheet HTML 4Page - Micro Linear Corporation ML4830 Datasheet HTML 5Page - Micro Linear Corporation ML4830 Datasheet HTML 6Page - Micro Linear Corporation ML4830 Datasheet HTML 7Page - Micro Linear Corporation ML4830 Datasheet HTML 8Page - Micro Linear Corporation ML4830 Datasheet HTML 9Page - Micro Linear Corporation ML4830 Datasheet HTML 10Page - Micro Linear Corporation ML4830 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ML4830
7
Mode
Pin 8
Definition
VCO
GND
Frequency Modulation
VCO-O
OPEN
Overlapping VCO F.M.
PWM
VREF
Pulse Width Modulation
Table 1. ML4830 Operating Modes
OSCILLATOR
In Table 1 above, the two VCO frequency ranges are
controlled by the output of the LFB amplifier (Pin 6). As
lamp current decreases, Pin 6 rises in voltage, causing the
C(T) charging current to decrease, thereby causing the
oscillator frequency to decrease. Since the ballast output
network attenuates high frequencies, the power to the
lamp will be increased.
In PWM Mode, ICHG is 0 so the oscillator’s frequency is
set per (1) below.
18
+
1.25/3.75
9
C(T)
R(T)
VREF
ICHG
VREF
CONTROL
R(T)/C(T)
5 mA
CLOCK
C(T)
VTH
VTL
tDIS
tCHG
Figure 2. Oscillator Block Diagram and Timing
Also, in both VCO modes, the when LFB OUT is high,
ICHG = 0 and the minimum frequency occurs. The
charging current varies according to two control inputs to
the oscillator:
1. The output of the preheat timer
2. The voltage at Pin 6 (lamp current output)
In preheat condition, charging current is fixed at
I
R SET
CHG PREHEAT
()
.
()
= 25
(1)
In running mode, charging current decreases as the VPIN7
rises from 0V to VOH of trhe LAMP FB amplifier. The
highest frequency will be attained when ICHG is highest,
which is attained when VPIN6 is at 0V:
I
R SET
CHG( )
()
0
5
=
(2)
The oscillator frequency is determined by the following
equations:
F
tt
OSC
CHG
DIS
=
+
1
(3)
and
tR C In
IR
IR
CHG
T T
CHG
T
CHG
T
=
+
+


625
375
.
.
(4)
The oscillator’s minimum frequency is set when ICHG = 0
where:
F
RC
OSC
TT
×
1
051
.
(5)
This assumes that tCHG >> tDIS.
Highest lamp power, and lowest output frequency are
attained when VPIN6 is at its maximum output voltage
(VOH).
In this condition, the minimum operating frequency of the
ballast is set per (5) above.
For the IC to be used effectively in dimming ballasts with
higher Q output networks a larger CT value and lower RT
value can be used, to yield a smaller frequency excursion
over the control range (VPIN6). The discharge current is set
to 5mA. Assuming that IDIS >> IRT:
tC
DIS VCO
T
() ≅×
490
(6)


Similar Part No. - ML4830

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4830

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com