Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-259 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-259
Description  MIL-DTL-5015 Type Hermetic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-259 Datasheet(HTML) 2 Page - Glenair, Inc.

  947-259 Datasheet HTML 1Page - Glenair, Inc. 947-259 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
G-23
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
G
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Thread
Class 2A
B Dia
Max
C
Hex
D
Flats
E Dia
± .005 (0.1)
F
Dim. Min.
8S
1/2-28 UNEF
1.000 (25.4)
.688 (17.5)
.875 (22.2)
.510 (13.0)
.219 (5.6)
10SL
5/8-24 UNEF
1.125 (28.6)
.812 (20.6)
1.000 (25.4)
.635 (16.1)
.281 (7.1)
12
3/4-20 UNEF
1.250 (31.8)
.938 (23.8)
1.125 (28.6)
.760 (19.3)
.344 (8.7)
12S
3/4-20 UNEF
1.250 (31.8)
.938 (23.8)
1.125 (28.6)
.760 (19.3)
.344 (8.7)
14
7/8-20 UNEF
1.375 (34.9)
1.062 (27.0)
1.250 (31.8)
.885 (22.5)
.406 (10.3)
14S
7/8-20 UNEF
1.375 (34.9)
1.062 (27.0)
1.250 (31.8)
.885 (22.5)
.406 (10.3)
16
1-20 UNEF
1.500 (38.1)
1.250 (31.8)
1.375 (34.9)
1.010 (25.7)
.469 (11.9)
16S
1-20 UNEF
1.500 (38.1)
1.250 (31.8)
1.375 (34.9)
1.010 (25.7)
.469 (11.9)
18
1 1/8-18 UNEF
1.650 (44.5)
1.375 (34.9)
1.625 (41.3)
1.135 (28.8)
.531 (13.5)
20
1 1/4-18 UNEF
1.875 (47.6)
1.500 (38.1)
1.750 (44.5)
1.260 (32.0)
.594 (15.1)
22
1 3/8-18 UNEF
2.000 (50.8)
1.625 (41.3)
1.875 (47.6)
1.385 (35.2)
.656 (16.7)
24
1 1/2-18 UNEF
2.188 (55.6)
1.750 (44.5)
2.000 (50.8)
1.510 (38.4)
.719 (18.3)
28
1 3/4-18 UNEF
2.438 (61.9)
2.000 (50.8)
2.250 (57.2)
1.760 (44.7)
.844 (21.4)
32
2-18 UNEF
2.688 (68.3)
2.250 (57.2)
2.500 (63.5)
2.010 (51.1)
.969 (24.6)
36
2 1/4-16 UN
2.938 (74.6)
2.500 (63.5)
2.750 (69.9)
2.260 (57.4)
1.089 (27.7)
40
2 1/2-16 UN
3.188 (81.0)
2.750 (69.9)
3.000 (76.2)
2.510 (63.7)
1.219 (31.0)
44
2 3/4-16 UN
3.438 (87.3)
3.000 (76.2)
3.250 (82.6)
2.760 (70.1)
1.344 (34.1)
48
3-16 UN
3.688 (93.7)
3.250 (82.6)
3.500 (88.9)
3.010 (76.5)
1.469 (37.3)
TABLE II
Dash No.
G Max
H
J
01
.250
1.224
2.36
02
.500
1.474
2.62
APPLICATION NOTES
1.
To be identified with manufacturer’s name, part number and date
code, space permitting.
2.
For pin/pin and socket/socket symmetrical layouts only, consult
factory for available insert arrangements.
3.
Power to a given contact on one end will result in power to
contact directly opposite regardless of identification letter.
4.
Hermeticity - Less than 1 x 10-7 cc/sec at one atmosphere.
5.
Electrical safety limits must be established by the user. Peak
voltage, switching surge, transient voltage, etc. should be used
to determine the safety application.
6.
Material/Finish*:
Jam-nut, lock-ring, shell - stainless steel/O.D. cadmium over
nickel
Contacts - copper alloy/gold plated and alloy 52/gold plate
Insulators - High-grade rigid dielectric/N.A. and full glass
Interfacial seals and O-rings - silicone
7.
Metric Dimensions (mm) are indicated in parentheses.
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.
947-259
MIL-DTL-5015 Type Hermetic
Jam Nut Mount Bulkhead Feed-Thru
RECOMMENDED PANEL CUT-OUT
F
E


Similar Part No. - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PN01 GLENAIR-947-259ZW18-11PN01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPN01 GLENAIR-947-259ZW18-11PPN01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPW01 GLENAIR-947-259ZW18-11PPW01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPX01 GLENAIR-947-259ZW18-11PPX01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
More results

Similar Description - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com