Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-259 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-259
Description  MIL-DTL-5015 Type Hermetic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-259 Datasheet(HTML) 1 Page - Glenair, Inc.

  947-259 Datasheet HTML 1Page - Glenair, Inc. 947-259 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
G-22
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
G
Insert
Arrangement
Per MIL-DTL-5015
(See Page G-2)
Basic
Number
947-259
ZW
18 - 11
P
N
01
Contact Type
P = Pin on Jam-Nut Side, Socket Opposite
S = Socket on Jam-Nut Side, Pin Opposite
PP = Pin to Pin
SS = Socket to Socket
Alternate Key
Position
W, X, Y, or Z
(
N for Normal)
(See Page G-4)
Shell
Size
Material
and Finish
Panel
Thickness
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc Helium per second
–585B
1 x 10-9 cc Helium per second
–585C
1 x 10-8 cc Helium per second
947-259
MIL-DTL-5015 Type Hermetic
Jam Nut Mount Bulkhead Feed-Thru
DIRECTION OF
PRESSURE
SEE MIL-STD-1651 FOR
INSERT ARRANGEMENTS
C
B
D
MAX
A THREAD - TYP
.29
.125
G MAX PANEL
HOLE FOR ø.020 MAX SAFETY
WIRE, 3 EQUALLY SPACED
H
J
.849
MAX


Similar Part No. - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PN01 GLENAIR-947-259ZW18-11PN01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPN01 GLENAIR-947-259ZW18-11PPN01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPW01 GLENAIR-947-259ZW18-11PPW01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-259ZW18-11PPX01 GLENAIR-947-259ZW18-11PPX01 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
More results

Similar Description - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com