Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-112 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-112
Description  MIL-DTL-38999 Series III Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-112 Datasheet(HTML) 2 Page - Glenair, Inc.

  947-112 Datasheet HTML 1Page - Glenair, Inc. 947-112 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
F-15
F
E
ø D
RECOMMENED PANEL CUT-OUT
3. MATERIAL/FINISH:
SHELL, LOCKRING, JAM NUT - AL ALLOY/TABLE II
CONTACTS - COPPER ALLOY/GOLD PLATE
INSULATORS - HIGH GRADE RIGID DIELECTRIC/ N.A.
SEALS - FLUOROSILICONE/N.A.
2. ELECTRICAL SAFETY LIMITS MUST BE ESTABLISHED BY USER, PEAK VOLTAGE,
SWITCHING SURGE, TRANSIENT, ECT.. SHOULD BE USED TO DETERMINE THE
SAFETY APPLICATION.
1. ASSEMBLY IDENTIFIED WITH MANUFACTURER'S NAME AND P/N.
NOTES:
x1-6g-0.100R
M17
M20
M25
M28
M32
M35
M38
M41
M44
1.710 (43.4)
1.585 (40.3)
1.460 (37.1)
1.335 (33.9)
1.210 (30.7)
1.085 (27.6)
.995 (25.3)
.771 (19.6)
.670 (17.0)
1.760 (44.7)
1.635 (41.5)
1.510 (38.4)
1.385 (35.2)
1.260 (32.0)
1.135 (28.8)
1.010 (27.6)
.822 (20.9)
.698 (17.7)
2.20 (55.9)
2.08 (52.8)
1.95 (49.5)
1.83 (46.5)
1.64 (41.7)
1.52 (36.9)
1.39 (35.3)
1.27 (32.3)
1.08 (27.4)
2.000 (50.8)
1.875 (47.6)
1.750 (44.5)
1.625 (41.3)
1.500 (38.1)
1.375 (34.9)
1.250 (31.8)
1.000 (25.4)
.875 (22.2)
1.6250
1.5000
1.3750
1.2500
1.1875
1.0000
.8750
.7500
.6250
25
23
21
19
17
15
13
11
9
F THREAD
DIM
E
DIA
D
MAX
C DIM
DIM
B
0.1P-0.3L-TS-2
A THREAD
SIZE
SHELL
TABLE I: CONNECTOR DIMENSIONS
SYM
TABLE II: MATERIALS
B
J
M
N
NF
T
FINISH DESCRIPTION
CADMIUM PLATE/OLIVE DRAB
GOLD IRIDITE OVER CADMIUM
PLATE OVER NICKEL
ELECTROLESS NICKEL
CADMIUM PLATE/OLIVE DRAB
OVER NICKEL
CAD/O.D. ONER ELECTROLESS
NICKEL (500 HOUR SALT SPRAY)
CADMIUM PLATE/BRIGHT DIP
OVER NICKEL
AND FINISH
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A Thread
0.1P-0.3L-TS-2
B
Dimension
C
Dimension Max
D
Diameter
E
Dimension
F Thread
x1-6g-0.100R
09
.6250
.875 (22.2)
1.08 (27.4)
6.98 (17.7)
.670 (17.0)
M17
11
.7500
1.000 (25.4)
1.27 (32.3)
.822 (20.9)
.771 (19.6)
M20
13
.8750
1.250 (31.8)
1.39 (35.3)
1.010 (27.6)
.995 (25.3)
M25
15
1.0000
1.375 (34.9)
1.52 (36.9)
1.135 (28.8)
1.085 (27.6)
M28
17
1.1875
1.500 (38.1)
1.64 (41.7)
1.260 (32.0)
1.210 (30.7)
M32
19
1.2500
1.625 (41.3)
1.83 (46.5)
1.385 (35.2)
1.335 (33.9)
M35
21
1.3750
1.750 (44.5)
1.95 (49.5)
1.510 (38.4)
1.460 (37.1)
M38
23
1.5000
1.875 (47.6)
2.08 (52.8)
1.635 (41.5)
1.585 (40.3)
M41
25
1.6250
2.000 (50.8)
2.20 (55.9)
1.760 (44.7)
1.710 (43.4)
M44
TABLE II: MATERIALS AND FINISH
SYM
FINISH
B
Cadmium Plate / Olive Drab
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Cadmium Plate / Olive Drab over Nickel
NF
Cadmium / Olive Drab over Electroless
Nickel Nickel (500 Hour Salt Spray)
T
Cadmium Plate / Bright Dip Over Nickel
APPLICATION NOTES
1.
Assembly identified with manufacturers name and part number
2.
Electrical safety limits must be established by user, peak voltage, switching surge, transient, etc. should be used to determine the
safety applications.
3.
Material/ Finishes:
Shells, Jam Nut - AL Alloy
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
947-112
MIL-DTL-38999 Series III Type
Jam Nut Bulkhead Feed-Thru


Similar Part No. - 947-112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-112B11B GLENAIR-947-112B11B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B13B GLENAIR-947-112B13B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B15B GLENAIR-947-112B15B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B17B GLENAIR-947-112B17B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B19B GLENAIR-947-112B19B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
More results

Similar Description - 947-112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com