Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857-027 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 857-027
Description  8 Gauge Pin Contact with PC Tails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

857-027 Datasheet(HTML) 1 Page - Glenair, Inc.

  857-027 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D-21
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
D
857-027
M39029/58 Type
8 Gauge Pin Contact with PC Tails
Ø .142
(B)
A
Ø .305
.145
.141
Ø
.838
.828
Mating
End Size
PC Tail
Length
(A Dim.)
Overall
Length
(B Ref)
Glenair Part
Number
8
.150 (3.8)
1.400 (35.6)
857-027-08-1
.225 (5.7)
1.475 (37.5)
857-027-08-2
.325 (8.3)
1.575 (40.0)
857-027-08-3
Material and Finish
Contact Body: Copper alloy, plated with 50 microinches gold per ASTM B488 Type II code C
over 50–100 microinches nickel IAW SAE AMS-QQ-N-290
Notes
This contact is designed IAW M39029/58 and is for use in special MIL-DTL-38999 Series III rear
release contact retention systems using 8 gauge power contacts.
Shoulder on PC tail to protrude .030 (nominally) past the grommet seal or end of connector
(jam nut type).


Similar Part No. - 857-027

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
857-027-401-101 EDAC-857-027-401-101 Datasheet
263Kb / 3P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-027-401-101 EDAC-857-027-401-101 Datasheet
128Kb / 2P
857 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-027-401-102 EDAC-857-027-401-102 Datasheet
263Kb / 3P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-027-401-102 EDAC-857-027-401-102 Datasheet
129Kb / 2P
857 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-027-401-103 EDAC-857-027-401-103 Datasheet
263Kb / 3P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results

Similar Description - 857-027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022235081 MOLEX2-0022235081 Datasheet
143Kb / 7P
2.54mm (.100) Pitch KK짰 Solid Header, Vertical, 8 Circuits, with Kinked PC Tails
logo
List of Unclassifed Man...
ABAC24W1535PNM12 ETC2-ABAC24W1535PNM12 Datasheet
255Kb / 1P
FIXED CONNECTOR WITH PC TAILS AND PANEL SEALING
logo
Molex Electronics Ltd.
22-23-5081 MOLEX11-22-23-5081 Datasheet
60Kb / 2P
KK짰 254 Solid Header, Vertical, 8 Circuits, with Kinked PC Tails
22-28-5080 MOLEX11-22-28-5080 Datasheet
56Kb / 2P
KK짰 254 Breakaway Header, Vertical, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5081 MOLEX11-22-28-5081 Datasheet
56Kb / 2P
KK짰 254 Breakaway Header, Vertical, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm , with Kinked PC Tails
logo
Glenair, Inc.
240-383D GLENAIR-240-383D Datasheet
115Kb / 2P
Dual Flange Wall Mount Receptacle with PC Tails
240-790-028 GLENAIR-240-790-028 Datasheet
293Kb / 6P
Rear Panel Mount with Straight PC Tails
857-028 GLENAIR-857-028 Datasheet
128Kb / 1P
8 Gauge Socket Contact with PC Tails
logo
Aries Electronics, Inc.
513 ARIES-513 Datasheet
651Kb / 1P
Available with Solder Pin Tails
logo
Japan Automatic Machine...
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
Pin Contact Pin Contact
13.09.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com