Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD068N10N3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD068N10N3G
Description  N-channel, normal level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD068N10N3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD068N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPD068N10N3 G
OptiMOS®3 Power-Transistor
Features
• N-channel, normal level
• Excellent gate charge x R
DS(on) product (FOM)
• Very low on-resistance R
DS(on)
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Ideal for high-frequency switching and synchronous rectification
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
2)
90
A
T C=100 °C
72
Pulsed drain current
2)
I D,pulse
T C=25 °C
360
Avalanche energy, single pulse
E AS
I D=90 A, R GS=25 W
130
mJ
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
150
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
1)J-STD20 and JESD22
2) See figure 3
V
DS
100
V
R
DS(on),max
6.8
m
W
I
D
90
A
Product Summary
Type
IPD068N10N3 G
Package
PG-TO252-3
Marking
068N10N
Rev. 2.2
page 1
2014-05-19


Similar Part No. - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD068N10N3G INFINEON-IPD068N10N3G Datasheet
298Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
logo
Guangdong Youtai Semico...
IPD068N10N3G UMW-IPD068N10N3G Datasheet
590Kb / 8P
   100V N-Channel MOSFET
More results

Similar Description - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com