Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD068N10N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD068N10N3G
Description  N-channel, normal level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD068N10N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD068N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPD068N10N3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-1
100
101
102
103
100
101
102
103
V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
101
t
p [s]
0
25
50
75
100
125
150
175
0
50
100
150
200
T
C [°C]
0
20
40
60
80
100
0
50
100
150
200
T
C [°C]
Rev. 2.2
page 4
2014-05-19


Similar Part No. - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD068N10N3G INFINEON-IPD068N10N3G Datasheet
298Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
logo
Guangdong Youtai Semico...
IPD068N10N3G UMW-IPD068N10N3G Datasheet
590Kb / 8P
   100V N-Channel MOSFET
More results

Similar Description - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com