Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD068N10N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD068N10N3G
Description  N-channel, normal level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD068N10N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD068N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD068N10N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
3690
4910
pF
Output capacitance
C oss
-
646
-
Reverse transfer capacitance
C rss
-
25
-
Turn-on delay time
t d(on)
-
19
-
ns
Rise time
t r
-
37
-
Turn-off delay time
t d(off)
-
37
-
Fall time
t f
-
9
-
Gate Charge Characteristics
6)
Gate to source charge
Q gs
-
18
-
nC
Gate to drain charge
Q gd
-
10
-
Switching charge
Q sw
-
17
-
Gate charge total
Q g
-
51
68
Gate plateau voltage
V plateau
-
4.9
-
V
Output charge
Q oss
V DD=50 V, V GS=0 V
-
68
91
nC
Reverse Diode
Diode continous forward current
I S
-
-
90
A
Diode pulse current
I S,pulse
-
-
360
Diode forward voltage
V SD
V GS=0 V, I F=90 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
73
-
ns
Reverse recovery charge
Q rr
-
139
-
nC
6) See figure 16 for gate charge parameter definition
V R=15 V, I F=80 A ,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=50 V,
f =1 MHz
V DD=50 V, V GS=10 V,
I D=80 A, R G,ext=3.6 W
V DD=50 V, I D=90 A,
V GS=0 to 10 V
Rev. 2.2
page 3
2014-05-19


Similar Part No. - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD068N10N3G INFINEON-IPD068N10N3G Datasheet
298Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
logo
Guangdong Youtai Semico...
IPD068N10N3G UMW-IPD068N10N3G Datasheet
590Kb / 8P
100V N-Channel MOSFET
More results

Similar Description - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.1,2015-02-23
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com