Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

667-241 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 667-241
Description  3500 PSI Protective Cover
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

667-241 Datasheet(HTML) 1 Page - Glenair, Inc.

  667-241 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
X-56
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 802 AquaMouse™ Submersible
3500 PSI Protective Cover
667-241 and 667-242 Ordering Information
Protect Connectors From Damage
These covers prevent ingress of water
and contamination. Stainless steel plug
covers featureViton® O-rings for 3500 PSI
sealing. Receptacle covers have a Viton®
gasket and are made from marine bronze
to minimize galling. For low-pressure IP68
receptacle sealing only, use part number
660-088.
Polyurethane-Coated SST Wire Rope
offers high strength, excellent abrasion
resistance and good flexibility.
Or, choose Teflon® jacket for high
temperature exposure.
Braided Nylon Ropeprovides excellent
flexibility and good abrasion resistance,
and can be ordered with slip knot
fittings for easy installation on any size
cable.
Table I: Cover Style
667-241
High Pressure
Plug Cover
667-242
High Pressure
Receptacle Cover
Table II: Attachment Code
Omit for attachment Type N (No Attachment)
Small Ring
01 – .125 (3.2) I.D.
02 – .140 (3.6) I.D.
04 – .182 (4.6) I.D.
06 – .197 (5.0) I.D.
Solid Ring
14 – .385 (9.8) I.D.
15 – .445 (11.3) I.D.
16 – .570 (14.5) I.D.
17 – .635 (16.1) I.D.
18 – .695 (17.7) I.D.
19 – .885 (22.5) I.D.
20 – 1.070 (27.2) I.D.
21 – 1.135 (28.8) I.D.
22 – 1.210 (30.7) I.D.
23 – 1.275 (32.4) I.D.
24 – 1.530 (38.9) I.D.
26 – .510 (13.0) I.D.
27 – .766 (19.5) I.D.
28 – 1.015 (25.8) I.D.
29 – .315 (8.0) I.D.
30 – 1.380 (35.1) I.D.
31 – .820 (20.8) I.D.
32 – .265 (6.7) I.D.
33 – .510 (13.0) I.D.
How To Order
Sample Part Number
667-241
-S
6
03
-6
Series
(See Table I)
667-241 = Plug Cover
667-242 = Receptacle Cover
Attachment Type
-D = Bead Chain, Cres., Passivate
-F = Wire Rope, Nylon Jacket
-G = Nylon Rope
-H = SST Wire Rope, Teflon® Jacket
-N = No Attachment
-R = Wire Rope, PVC Jacket
-S = SST Sash Chain
-T = SST Wire Rope, No Jacket
-U = SST Wire Rope, Polyurethane Jacket
“SST” = Stainless Steel
Shell Size
5, 6, 7, 8, 9, 10, 12, 14, 15, 21
Attachment Code
(See Table II)
Small Ring = 01 thru 06
Solid Ring = 14 thru 33
Attachment Length (inches)
Omit for attachment Type N (No Attachment) Example
“-6” equals six inch length


Similar Part No. - 667-241

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
667-202 GLENAIR-667-202 Datasheet
138Kb / 1P
Protective Receptacle Cover
667-217 GLENAIR-667-217 Datasheet
121Kb / 2P
Series 801 Mighty Mouse Double-Start ACME Threads
667-217 GLENAIR-667-217 Datasheet
152Kb / 1P
Double-Start ACME Thread Metal Protective Cover
667-218 GLENAIR-667-218 Datasheet
121Kb / 2P
Series 801 Mighty Mouse Double-Start ACME Threads
667-218 GLENAIR-667-218 Datasheet
152Kb / 1P
Double-Start ACME Thread Metal Protective Cover
More results

Similar Description - 667-241

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-082 GLENAIR-660-082 Datasheet
176Kb / 1P
Protective Cover
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Pepperl+Fuchs Inc.
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
SH-BT65-F31 PF-SH-BT65-F31 Datasheet
773Kb / 1P
Protective cover
SH-BT65-F31K2 PF-SH-BT65-F31K2 Datasheet
656Kb / 1P
Protective cover
SH-F31K2-B13 PF-SH-F31K2-B13 Datasheet
400Kb / 1P
Protective cover
SH-F31K2-B32 PF-SH-F31K2-B32 Datasheet
481Kb / 1P
Protective cover
SH-F35 PF-SH-F35 Datasheet
209Kb / 2P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
VOS5000-LE-COV65 PF-VOS5000-LE-COV65 Datasheet
795Kb / 1P
Protective cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com