Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF18FF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF18FF
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF18FF Datasheet(HTML) 1 Page - Hongfa Technology

  HF18FF Datasheet HTML 1Page - Hongfa Technology HF18FF Datasheet HTML 2Page - Hongfa Technology HF18FF Datasheet HTML 3Page - Hongfa Technology HF18FF Datasheet HTML 4Page - Hongfa Technology HF18FF Datasheet HTML 5Page - Hongfa Technology HF18FF Datasheet HTML 6Page - Hongfa Technology HF18FF Datasheet HTML 7Page - Hongfa Technology HF18FF Datasheet HTML 8Page - Hongfa Technology HF18FF Datasheet HTML 9Page - Hongfa Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HG rwncC Ennpmv7 97BZ rm :7:ZD
EG rwncC Ennpmv7 :7;YE rm :7AYE
;QM^_\Q]
Jgjc Qm7CI:<<=A:
Jgjc Qm7CU>9:=@9A@
Gmlr_ar pcqgqr_lac
Gmlr_ar p_rgle
1Ucq7 jm_b2
Hgcjcarpga
qrpclerf
Vfmai pcqgqr_lac
LRQKJE UIOE\
Gmgj nmucp
Jgjc Qm7CGTG9B99;9<99;? 1HG rwnc2
GTG9B99;9<99;@ 1EG rwnc2
MVRB99:5 MVR8WV:?B=B 5 MVR:=99:5 RLVEV:A99:5 MIGT TG 9A9999 GIUWMJMIH
;9:> Uct7 :799
=;
@E ;>9YEG8<9YHG
@E ;>9YEG8<9YHG
FcH
>E ;>9YEG8<9YHG
>E ;>9YEG8<9YHG
Gmlr_ar k_rcpg_j
P_v7 qugrafgle tmjr_ec
P_v7 qugrafgle asppclr
=;/4;;
:99k k_v71_r :E ?YHG2
Vcc mpbcpgle gldm7
Mlqsj_rgml pcqgqr_lac
Fcrucclamgj / amlr_arq
Fcrucclmnclamlr_arq
Fcrucclamlr_ar qcrq
Rncp_rc rgkc 1_r lmkg7 tmjr72
Ucjc_qc rgkc 1_r lmkg7 tmjr72
Wckncp_rspc pgqc 1lm6jm_b5 _r lmkg7tmjr72
Jslargml_j
Hcqrpsargtc
Yg`p_rgmlpcqgqr_lac
Lskgbgrw
Ek`gclr rckncp_rspc
Wcpkgl_rgml
Xlgr ucgefr
Gmlqrpsargml
:999P 1_r >99YHG2
:>99YEG :kgl
:999YEG :kgl
:>99YEG :kgl
HG rwncC ;>kq k_v7
HG rwncC ;>kq k_v7
?9N k_v7
BAk8q;
BA9k8q;
:9Lx rm >>Lx :kk HE
>. rm A>. UL
6=9 rm @9
SGF5 Sjse6gl
Ennpmv7 <@e
Hsqr npmrcarcb
@>A>6FGD: >AF:D@:9>6F: CBI:D D:?6K
8BAF68F 96F6
8=6D68F:D>EF>8E
8B>?
Qmkgl_j
Ymjr_ec
YHG
Gmgj
Ucqgqr_lac
Sgai6sn
Ymjr_ec
YHG
k_v7
Hpmn6msr
Ymjr_ec
YHG
kgl7
8B>? 96F6
>
?
:;
;=
=A
::9
;@7> v 1: :9.2
=9v1: :9.2
:?9v1: :9.2
?>9v1: :9.2
;?99 v 1: :>.2
::999 v 1: :>.2
=79
=7A
B7?
:B7;
<A7=
AA79
97>9
97?9
:7;9
;7=9
=7A9
::79
?
:;
;=
=A
:;9
;;98;=9
::7> v 1: :9.2
=?v1: :9.2
:A=v1: :9.2
@<>v1: :9.2
=>>9 v 1: :>.2
:==99 v 1: :>.2
=7A9
B7?9
:B7;
<A7=
B?79
:@?79
:7A9
<7?9
@7;9
:=7=
<?79
@;79
Qmkgl_j
Ymjr_ec
YEG
Gmgj
Ucqgqr_lac
Sgai6sn
Ymjr_ec
YEG
k_v7
Hpmn6msr
Ymjr_ec
YEG
kgl7
Pcaf_lga_j clbsp_lac
m @E qugrafgle a_n_`gjgrw 1;G5 <G rwnc2
m :7>iY bgcjcarpga qrpclerf
1`cruccl amgj _lb amlr_arq2
m Kmjb nj_rcb amlr_ar _t_gj_`jc
m Gmldmpk rm rfc GI jmu tmjr_ec bgpcargtc
m Vmaicrq _t_gj_`jc
m ; rm = nmjc amldgesp_rgmlq
m Iltgpmlkclr_j dpgclbjw npmbsar 1UmLV amknjg_lr2
m Rsrjglc HgkclqgmlqC 1;A79 v ;:7> v <>792 kk
E6;:FK 6CCDBH6? D6F>A<E
@E ;>9YEG8<9YHG >E ;>9YEG8<9YHG
;>9YEG 8 <9YHG
@E
>E
_r ;<
P_v7
Ymjr_ec
YHG
P_v7
Ymjr_ec
YEG
>7>
?7?
:<7;
;?7=
>;7A
:;:
?7?
:<7;
;?7=
>;7A
:<;
;?=
G?.8G?
; Jmpk G
= Jmpk G
< Jmpk G
; Jmpk G
= Jmpk G
< Jmpk G
AZ^Q]5 :2 Wfc b_r_ qfmul_`mtc _pc glgrg_j t_jscq7
;2 XO glqsj_rgml qwqrckC Gj_qq E
;]8<] rwncC:v:9>RSV 1@E ;>9YEG5
Ucqgqrgtc jm_b5 Ummk rckn75 :q mlBq mdd2
;]8<] rwncC:v:9>RSV 1@E <9YHG5
Ucqgqrgtc jm_b5 Ummk rckn75 :q mlBq mdd2
=] rwncC:v:9>RSV 1>E ;>9YEG5
Ucqgqrgtc jm_b5 Ummk rckn75 :q mlBq mdd2
=] rwncC:v:9>RSV 1>E <9YHG5
Ucqgqrgtc jm_b5 Ummk rckn75 :q mlBq mdd2
Ijcarpga_j clbsp_lac
Gmlr_ar _pp_leckclr
;G5 <G
=G
3
3
AZ^Q]5 3 P_vgksk tmjr_ec pcdcpq rm rfc k_vgksk tmjr_ec ufgaf pcj_w
amgj amsjb clbspc gl _ qfmpr ncpgmb md rgkc7
AZ^Q]5 :2 Ejj t_jscq slqncagdgcb _pc _r pmmk rckncp_rspc7
;2 Rljw rwnga_j jm_bq _pc jgqrcb _`mtc7 Rrfcp jm_b qncagdga_rgmlq
a_l`c _t_gj_`jc snmlpcoscqr7
;:9Z
:>9Z
:@>9YE
:;>9YE
P_v7 qugrafgle nmucp
;v:9@RSV


Similar Part No. - HF18FF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF18FF HONGFA-HF18FF Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1DXXX HONGFA-HF18FF/012-2Z1DXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GDXXX HONGFA-HF18FF/012-2Z1GDXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GXXX HONGFA-HF18FF/012-2Z1GXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1XXX HONGFA-HF18FF/012-2Z1XXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF18FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com