Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSG0810NDI Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSG0810NDI
Description  Pb-free lead plating; RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSG0810NDI Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSG0810NDI Datasheet HTML 1Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 2Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 3Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 4Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 5Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 6Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 7Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 8Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BSG0810NDI
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Q1 R thJC
-
-
4.3
K/W
Q2
-
-
1.8
Q1 R thJA
Q2
Q1
Q2
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
Q1
Q2
Q1
Q2
Gate threshold voltage
Q1
Q2
Zero gate voltage drain current
Q1 I DSS
-
-
1
µA
Q2
-
-
500
Q1
-
-
100
Q2
-
0.9
-
mA
Gate-source leakage current
Q1 I GSS
Q2
Q1 R DS(on)
-
3.2
4.0
m
W
Q2
-
1.0
1.2
Q1
-
2.4
3.0
Q2
-
0.75
0.9
Gate resistance
Q1 R G
-
0.7
1.2
W
Q2
-
0.8
1.3
Transconductance
Q1 g fs
47
94
-
S
Q2
55
110
-
V GS(th)
V
V DS=V GS, I D=250 µA
20
50
-
1.6
25
6)
V
-
mV/K
dV
(BR)DSS
/dT j
I D=10 mA, referenced
to 25 °C
-
Thermal resistance, junction -
case
6 cm
2 cooling area4)
V (BR)DSS V GS=0 V, I D=1 mA
Values
15
V DS=25 V, V GS=0 V,
T j=25 °C
2) Remark: only one of both transistors active
Drain-source on-state
resistance
Thermal resistance, junction -
ambient
2)
Application specific
board
3)
100
-
-
2
1.2
-
-
-
Breakdown voltage temperature
coefficient
V GS=4.5 V, I D=20 A
V GS=10 V, I D=20 A
|V DS|>2|I D|R DS(on)max,
I D=20 A
V DS=20 V, V GS=0 V,
T j=125 °C
nA
-
V GS=16 V, V DS=0 V
-
Rev.2.0.1
page 2
2015-08-21


Similar Part No. - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSG0810NDI INFINEON-BSG0810NDI Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
BSG0810NDI INFINEON-BSG0810NDI_16 Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
More results

Similar Description - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com